Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMI100 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HMI100
Description  UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HMI100 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HMI100 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HMI100 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HMI100 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H HiTRON
2007/07/27
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME
SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING
POWER SUPPLIES HMI100 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
COMPACT 4.5”x 2.5”x1.2” PCB FORMAT
MEET MEDICAL STANDARD EN 60601-1/
UL 60601-1
EMI MEET EN 55011 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 9.68Arms @230Vac.
Input Current: Typ. 1.8A@115Vac, 0.9A @230Vac.
Dielectric Withstand: Meet IEC 60601-1.
EMI: Meet EN55011 & CISPR Class B.
Hold-up Time: Typ. 12.8mS @115Vac, 76mS @ 230Vac.
Earth Leakage: Less than 0.189mA @230Vac.
GENERAL SPECIFICATION
Efficiency: Typ. 74-80%(Various with output voltage).
Switching Frequency: 68 KHz.
Circuit Topology: Single-Forward circuit.
Multiple-Fixed freq. flyback circuit.
Transient Response: Output voltage returns in less than
14-44mS following a 25% load change.
Safety Standard: Meet Medical standards UL 60601-1/
EN 60601-1 Class I.
Operating Temperature: 0 to +50 °C under forced air flow
for full load.(Various with output voltage).
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.05%/°C.
Cooling: Recommended 24CFM cooling fan for
full rating load.
Power Density: 7.4 Watts / Cubic Inch.
Construction: 4.5”x2.5“x1.2” PCB format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Typ. 100 watts.
Line Regulation: Typ. ±0.5%.
Load Regulation: Main VO1 typ ±1%.
Aux. VO2 typ. ±1%.
Aux. VO3 typ. ±5%.
Aux. VO4 typ. ±5%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main output (Latch).
Adjustability: Available at VO1 and VO2.
Overload Protection (OLP):
Fully protected against outputs overload and short circuit.
Typ. OLP set at 110-150% of rating output power.
Consult the factory for OLP setting.
For the details of safety approval, please consult the factory.


Similar Part No. - HMI100

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HMI19 HITRON-HMI19 Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI19-D033I HITRON-HMI19-D033I Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI19-D033M HITRON-HMI19-D033M Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI19-D050I HITRON-HMI19-D050I Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI19-D050M HITRON-HMI19-D050M Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HMI100

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HMI43 HITRON-HMI43 Datasheet
156Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI63 HITRON-HMI63 Datasheet
144Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI40 HITRON-HMI40 Datasheet
113Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 40 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI19 HITRON-HMI19 Datasheet
208Kb / 2P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com