Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCM37C14A Datasheet(PDF) 2 Page - Texas Instruments

Part No. TCM37C14A
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TCM37C14A Datasheet(HTML) 2 Page - Texas Instruments

  TCM37C14A Datasheet HTML 1Page - Texas Instruments TCM37C14A Datasheet HTML 2Page - Texas Instruments TCM37C14A Datasheet HTML 3Page - Texas Instruments TCM37C14A Datasheet HTML 4Page - Texas Instruments TCM37C14A Datasheet HTML 5Page - Texas Instruments TCM37C14A Datasheet HTML 6Page - Texas Instruments TCM37C14A Datasheet HTML 7Page - Texas Instruments TCM37C14A Datasheet HTML 8Page - Texas Instruments TCM37C14A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
20 PIN
24 PIN
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
SMALL OUTLINE
(DW)
–40
°C to 85°C
TCM37C15AIDW
TCM37C15AIN
TCM37C14AIDW
functional block diagram
Transmit
Third-Order
Antialias
Low-Pass
Filter
(Analog)
Transmit
Sixth-Order
Low-Pass
Filter
(Switched Cap)
Fc = 3400 Hz
Transmit
Third-Order
High-Pass
Filter
(Switched Cap)
Fc = 200 Hz
Sample
and Hold
ADC
Output
Register
Auto Zero
Analog to
Digital Control
Logic
Reference
Digital-to-
Analog
Converter
Control
Logic
Digital-to-
Analog Control
Logic
Control Section
Receive Section
Input
Register
Buffer
Filter
Gain
Set
Gain
Set
Transmit Section
PCMOUT
TSX†
FSX
MCLK
CLKSEL†
ASEL†
GS0
GS1
PCMIN
FSR
AGND
DGND
VBB
VCC
TS1
TS2
ANLGIN
GSX
RIN
GSR
RS1
RS2
PWRO +
PWRO –†
† TCM37C14A only
24
1
13
19
12
17
18
16
14
10
9
8
11
22
21
20
23
4
7
5
6
2
3
NOTE A: Terminal numbers shown are for the TCM37C14A.
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn