Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCM37C14A Datasheet(PDF) 10 Page - Texas Instruments

Part No. TCM37C14A
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TCM37C14A Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
–1dB
3400 Hz
Typical Filter
Transfer Function
–1.8 dB
200 Hz
– 0.15 dB
300 Hz
– 0.35 dB
3300 Hz
– 0.125 dB
200 Hz
0.15 dB
300 Hz
0.15 dB
3300 Hz
– 32 dB
4600 Hz
– 14 dB
4000 Hz
– 30 dB
16.67 Hz
– 25 dB
50 Hz
– 23 dB
60 Hz
0
–1
0
–10
–20
–30
–40
–50
–50
–40
–30
–20
–10
0
–1
0
10 k
1 k
100
50
10
f – Frequency – Hz
– 0.15 dB
3000 Hz
–60
–60
0.15 dB
3000 Hz
Typical Filter
Transfer Function
– 0.10 dB
3400 Hz
NOTE A: Gain (voltage amplification) is defined as gain relative to gain at 1 kHz in dB.
Figure 1. Transmit Filter Transfer Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn