Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2407 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2407
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2407 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2407 Datasheet HTML 1Page - KR Electronics, Inc. 2407 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2001, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency (fc)
60 MHz
3 dB Bandwidth (BW3dB)
8 MHz min
40 dB Bandwidth (BW40dB)
18 MHz max
Impedance
50
KR Series 2407 Bandpass Filter
KR Series 2407 Bandpass Filter
KR Series 2407 Bandpass Filter
KR Series 2407 Bandpass Filter
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc
KR Electronics, Inc....
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Use SN60 or SN63 solder during installation
4.
If boards are cleaned after installation, units must be completely dried to remove
any entrapped moisture that will effect electrical performance


Similar Part No. - 2407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2407 ETC2-2407 Datasheet
395Kb / 1P
   CAPTIVE PANEL SCREWS
logo
Heyco.
2407 HEYCO-2407 Datasheet
106Kb / 1P
   Snap Bushings
logo
3M Electronics
2407-6112TB 3M-2407-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
2407-6113TB 3M-2407-6113TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
2407-6122TB 3M-2407-6122TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
More results

Similar Description - 2407

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com