Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C17A Datasheet(PDF) 6 Page - Texas Instruments

Part # TCM29C17A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C17A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCM29C17A Datasheet HTML 2Page - Texas Instruments TCM29C17A Datasheet HTML 3Page - Texas Instruments TCM29C17A Datasheet HTML 4Page - Texas Instruments TCM29C17A Datasheet HTML 5Page - Texas Instruments TCM29C17A Datasheet HTML 6Page - Texas Instruments TCM29C17A Datasheet HTML 7Page - Texas Instruments TCM29C17A Datasheet HTML 8Page - Texas Instruments TCM29C17A Datasheet HTML 9Page - Texas Instruments TCM29C17A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current, fDCLK = 2.048 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
TCM29CxxA
TCM129CxxA
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Sl
t
Operating
7
9
8
13
ICC
Supply current
from VCC
Standby
FSX or FSR at VIL after 300 ms
0.5
1.1
0.7
1.5
mA
CC
from VCC
Power down
PDN VIL after 300 ms
0.3
0.9
0.4
1
Sl
t
Operating
–7
–9
–8
–13
IBB
Supply current
from VBB
Standby
FSX or FSR at VIL after 300 ms
– 0.5
–1
– 0.7
– 1.5
mA
BB
from VBB
Power down
PDN VIL after 300 ms
– 0.3
– 0.9
– 0.4
– 1.1
Operating
70
90
80
130
PD
Power dissipation
Standby
FSX or FSR at VIL after 300 ms
5
10
7
15
mW
Power down
PDN VIL after 300 ms
3
8
4
10
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
ground terminals
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC resistance between ANLG GND and DGTL GND
34
digital interface
PARAMETER
TEST CONDI-
TCM29CxxA
TCM129CxxA
UNIT
PARAMETER
TIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
PCM OUT
IOH = – 9.6 mA
2.4
2.4
V
VOH
High-level output voltage
SIGR
IOH = – 1.2 mA
2.4
2.4
V
VOL
Low-level output voltage at PCM OUT, TSX,
SIGR
IOL = 3.2 mA
0.4
0.5
V
IIH
High-level input current, any digital input
VI = 2.2 V to VCC
10
12
µA
IIL
Low-level input current, any digital input
VI = 0 to 0.8 V
10
12
µA
Ci
Input capacitance
5
10
5
10
pF
Co
Output capacitance
5
5
pF
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input current at ANLG IN +, ANLG IN –
±100
nA
Input offset voltage at ANLG IN +, ANLG IN –
VI = – 2.17 V to 2.17 V
±25
mV
Common-mode rejection at ANLG IN +, ANLG IN –
55
dB
Open-loop voltage amplification at GSX
5000
Open-loop unity-gain bandwidth at GSX
1
MHz
Input resistance at ANLG IN +, ANLG IN –
10
M
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
receive filter output
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output offset voltage at PWRO+, PWRO – (single ended)
Relative to ANLG GND
80
180
mV
Output resistance at PWRO+, PWRO –
1
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.


Similar Part No. - TCM29C17A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C17 TI-TCM29C17 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C17 TI1-TCM29C17 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C17DW TI-TCM29C17DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C17DWR TI1-TCM29C17DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C17DWR TI-TCM29C17DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C17A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com