Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45830-2223 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45830-2223
Description  HD Mezz??Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45830-2223 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45830-2223 Datasheet HTML 1Page - Molex Electronics Ltd. 45830-2223 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
1.20 by 2.00mm
(.047 by .079”) Pitch
HD Mezz™ Connectors
45802 HD Mezz™ Receptacle
45830 HD Mezz™ Plug
SPECIFICATIONS
n
Molex’s patented solder attach method is more cost
effective and reliable than Ball Grid Array (BGA)
connector attach methods
n
Data rates up to 12.5 Gbps for excellent signal
clarity with ample bandwidth for customer
requirements in high-speed designs
n
Stack heights ranging from 16.00 to 38.00mm
(.630 to 1.496”) and circuit sizes of 91 to
403 circuits provides ease in design based on
engineering constraints in system envelopes
n
Highest contact density on the market with 14
differential pairs per cm2 is extremely useful for
space constrained designs with limited PCB real
estate
n
Reliable mating interface with 2.00mm (.079”)
wipe and two points of contact with sufficient
conductive wipe for clean signal transmission and
enhanced durability
Features and Benefits
The High Density Mezzanine (HD Mezz) board-to-
board connector is designed for computer, networking,
telecommunications, storage and general market
applications with high pin-count devices on mezzanine
or module printed circuit boards (PCBs). This design
provides a flexible tooling approach that allows for
multiple stack heights and circuit-size extensions.
HD Mezz provides many benefits. It allows
customers to simplify PCB routing without sacrificing
performance, avoid the expense of large complex
multi-layer boards and utilize space more efficiently
within a given card slot area. Option cards may be
added or upgraded to increase flexibility in design,
production and testing.
The HD Mezz design has superior electrical and
mechanical features that are cost competitive. The
Molex patented solder-charge technology results in
better process yields and a lower applied cost versus
equivalent BGA connector products.
Reference Information
Product Specification: PS-45802-001
Packaging: Tray
UL File No.: TBD
CSA File No.: TBD
Designed in: Millimeters
Electrical
Voltage: 250V AC per contact
Current: 2.0A per contact
Contact Resistance: 25 milliohms nominal
Dielectric Withstanding Voltage: 500V DC
Insulation Resistance:
Across Wafers – 5000 Megohms min.
Within Wafers – 1000 Megohms min.
Mechanical
Mating Force: 51g nominal per contact
Unmating Force: 25g nominal per contact
Normal Force: 51g nominal per contact
Durability: 100 cycles
Physical
Housing: Glass-filled LCP, UL 94V-0
Contact: Copper (Cu) alloy
Plating: Contact Area – 0.75µm Gold (Au) min.
Solder Tail Area – 2.50µm Tin (Sn) min.*
Underplating – 1.25µm Nickel (Ni) overall
Operating Temperature: -55 to +105°C
Simplify PCB routing, maximize card-slot space and achieve speeds up to 12.5 Gbps with Molex’s
HD Mezz; designed for the large and growing high-density and high-performance mezzanine
connector market
Left to right: HD Mezz Receptacle (Series 45802) and
HD Mezz Plug (Series 45830)
*Please contact Molex Customer Service for lead-free solder tail plating options


Similar Part No. - 45830-2223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45830-2223 MOLEX6-45830-2223 Datasheet
496Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz Plug, 299 Circuits, 10.00mm (.394") Unmated Height
More results

Similar Description - 45830-2223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0458300207 MOLEX6-0458300207 Datasheet
495Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug
0465532200 MOLEX6-0465532200 Datasheet
323Kb / 5P
   1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz??Receptacle
0458301015 MOLEX6-0458301015 Datasheet
503Kb / 4P
   1.20mm (.047") by 2.00mm (.079") Pitch HD Mezz??Plug
0458021223 MOLEX1-0458021223_17 Datasheet
31Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Receptacle, 299 Circuits, 18.00mm Unmated 1.20mm by 2.00mm Pitch HD Mezz??Receptacle, 299 Circuits, 18.00mm Unmated
0458301223 MOLEX1-0458301223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 18.00mm Unmated Height, 23 1.20mm by 2.00mm Pitch HD Mezz??Plug, 299 Circuits, 18.00mm Unmated Height, 23
logo
Samtec, Inc
HDMEZZ SAMTEC-HDMEZZ Datasheet
96Kb / 1P
   The HD Mezz performs at 9.0 GHz/pair at a 20mm stack
logo
Molex Electronics Ltd.
0458302211 MOLEX1-0458302211_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 143 Circuits, 10.00mm Unmated Height
0458302223 MOLEX1-0458302223_17 Datasheet
42Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 10.00mm Unmated Height
0458300223 MOLEX1-0458300223_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 299 Circuits, 8.00mm Unmated Height
0458302225 MOLEX1-0458302225_17 Datasheet
41Kb / 2P
   1.20mm by 2.00mm Pitch HD Mezz Plug, 325 Circuits, 10.00mm Unmated Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com