Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46081-2000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46081-2000
Description  EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46081-2000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46081-2000 Datasheet HTML 1Page - Molex Electronics Ltd. 46081-2000 Datasheet HTML 2Page - Molex Electronics Ltd. 46081-2000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features and speciFications
eXtreme power-Mass™
High-current connector
Board-to-Board applications
75555, 75556, 75561, 46081,
75568 right-angle plug assembly
75541, 75542, 75545, 46079,
75548 Vertical receptacle assembly
45840 right-angle receptacle
Intensifying our approach to provide high-current
density and a customer-configurable design, EXTreme
Power-Mass offers a nearly unlimited range of power
and signal module-design options, providing customer-
specific interconnect solutions for AC and DC power
requirements. EXTreme Power-Mass is a high-current,
board-to-board, modular connector system, providing
350.0A per inch.
EXTreme Power-Mass is designed to support power
supplies and systems requiring very high-current
transfer in challenging thermal-constrained spaces.
EXTreme Power-Mass complements Molex’s robust
EXTreme power-connector family offering. For more
information on Molex power connectors, visit: www.
molex.com/product/power.html.
High-current, custom configurable, board-to-board connector system delivers up to 350.0A per
inch
n
Multiple power (150.0A, 80.0A, 40.0A) and signal
(24 to 64 circuits) modules available to provide
maximum flexibility for customer design
requirements
n
350.0A per inch current density is one of the
highest capacity board-to-board power connectors
on the market
n
Less than 1 milliohm resistance (plane-to-plane) at
end-of-life provides minimum heat generation with
maximum current transfer
n
Press-fit and solder-board termination for easy and
reliable PCB mounting options
n
Die-cast or plastic guides provide rugged blind-
mating capabilities
n
Modules assembled to metal stiffener to assure true
position and flexible module placement
n
Sequential power-blade and signal-pin lengths
facilitates post-mate and pre-mate options
Features and Benefits
applications
Right-Angle Plug Assembly (Series 75555)
Vertical Socket Assembly (Series 75541)
Right-Angle Receptacle (Series 45840)
Markets and Applications
typically used for power supply to system
board power delivery in:
n
Telecommunications
n
Networking switches and routers
n
High and mid-range computing
n
Servers
n
Data storage
n
Power supplies)
n
Cellular communications
n
Base stations
Router


Similar Part No. - 46081-2000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
46081 TURCK-46081 Datasheet
342Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
logo
Alpha Wire
460819 ALPHAWIRE-460819 Datasheet
106Kb / 4P
   Customer Specification
logo
Turck, Inc.
4608190 TURCK-4608190 Datasheet
342Kb / 3P
   Inductive Sensor – With Increased Switching Distance
11/07/2023
More results

Similar Description - 46081-2000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46436 MOLEX-46436 Datasheet
1Mb / 3P
   EXTreme Ten60Power??High-Current Connector Board-to-Board
75555 MOLEX-75555 Datasheet
1Mb / 3P
   EXTreme PowerMass??High-Current Assembly Board-to-Board
75730 MOLEX-75730 Datasheet
1Mb / 2P
   EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
   Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
   Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
   Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
   Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com