Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46437-1010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 46437-1010
Description  EXTreme Ten50PowerTM High-Current Connector 5.50 (DC) or 7.50mm (AC)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46437-1010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  46437-1010 Datasheet HTML 1Page - Molex Electronics Ltd. 46437-1010 Datasheet HTML 2Page - Molex Electronics Ltd. 46437-1010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FEATURES AND SPECIFICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550 F: 630-969-1352
Order No. 987650-1981
USA/KP/2008.12
www.molex.com/link/ten50.html
High-current power and signal connector provides up to 260.0A per inch of current
in a low-profile housing
EXTreme Ten50Power is a modular high-current
power and signal connector system in a coplanar and
right-angle board-to-board orientation. Designed as
a higher-current and lower profile power interconnect
than existing products, Molex’s EXTreme Ten50Power
connector provides maximum current-to-space ratio
packaged in a low-profile 10.00mm (.394”) tall
housing design that enhances system airflow within the
power system.
Available in 1 through 10 power blade modules and 6
though 36 signal modules along with either end-mount
or top-mount guidance, the EXTreme Ten50Power
modules can be configured to accommodate most any
design application. Robust, high-current contact blades
in DC (5.50mm) and AC (7.50mm) spacing options
provide design flexibility. Power blades are rated up
to 60.0A per blade, providing up to 260.0A per linear
inch of board real estate. Both the plug and receptacle
utilize reliable, proven Molex power and signal
contact designs. For additional information on Molex’s
EXTreme Power product offering, please visit:
www.molex.com/link/ext-power.html.
ORDERING INFORMATION
APPLICATIONS
Order No.
Module
Orientation
No. of Power Circuits
No. of Signal Circuits
46437-1011
Plug
Right-Angle
4
24
46562-1011
Receptacle
Vertical
46437-1010
Plug
Right-Angle
46436-1010
Receptacle
Right-Angle
n
Power supplies
n
Servers, routers, storage and industrial controllers
n
Coplanar board-to-board power applications
n
1 and 2 Rack Unit (RU) modular enclosures
n
Chassis-based systems
EXTreme Ten50PowerTM
High-Current Connector
5.50 (DC) or 7.50mm (AC)
(.217 or .295”) Pitch Power
2.54 by 2.54mm
(.100 by .100”) Pitch Signal
46436 Right-Angle Receptacle
46562 Vertical Receptacle
46437 Plug


Similar Part No. - 46437-1010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46437 MOLEX-46437 Datasheet
1Mb / 3P
   EXTreme Ten60Power??High-Current Connector Board-to-Board
More results

Similar Description - 46437-1010

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
logo
SUYIN USA, INC.
040167MB SUYIN-USA-040167MB Datasheet
161Kb / 1P
   DC POWER JACK FOR 5.50 DC PLUG
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
logo
Molex Electronics Ltd.
171097-0250 MOLEX8-171097-0250 Datasheet
128Kb / 2P
   EXTreme EnergetiC High-Current Connector System
logo
Mean Well Enterprises C...
SGAS15A MEANWELL-SGAS15A Datasheet
458Kb / 5P
   15W AC-DC High Reliable Extreme Small Desktop Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com