Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C13A Datasheet(PDF) 19 Page - Texas Instruments

Part # TCM29C13A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C13A Datasheet(HTML) 19 Page - Texas Instruments

Back Button TCM29C13A Datasheet HTML 15Page - Texas Instruments TCM29C13A Datasheet HTML 16Page - Texas Instruments TCM29C13A Datasheet HTML 17Page - Texas Instruments TCM29C13A Datasheet HTML 18Page - Texas Instruments TCM29C13A Datasheet HTML 19Page - Texas Instruments TCM29C13A Datasheet HTML 20Page - Texas Instruments TCM29C13A Datasheet HTML 21Page - Texas Instruments TCM29C13A Datasheet HTML 22Page - Texas Instruments TCM29C13A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
VCC
DGND
VBB
Figure 7. Diode Configuration for Latch-Up Protection Circuitry
internal sequencing
On the transmit channel, digital outputs PCM OUT and TSX are held in the high-impedance state for
approximately four frames (500
µs) after power up or application of VBB or VCC. After this delay, PCM OUT, TSX,
and signaling are functional and occur in the proper time slot. The analog circuits on the transmit side require
approximately 60 ms to reach their equilibrium value due to the autozero circuit settling time. Valid digital
information, such as on/off hook detection, is available almost immediately, while analog information is available
after some delay.
On the receive channel, the digital output SIGR is also held low for a maximum of four frames after power up
or application of VBB or VCC. SIGR remains low until it is updated by a signalling frame.
To further enhance system reliability, PCM OUT and TSX are placed in the high-impedance state approximately
20
µs after an interruption of CLKX. SIGR is held low approximately 20 µs after an interruption of CLKR. These
interruptions could possibly occur with some kind of fault condition.
power-down and standby operations
To minimize power consumption, a power-down mode and three standby modes are provided.
For power down, an external low signal is applied to PDN. In the absence of a signal, PDN is internally pulled
up to a high logic level and the device remains active. In the power-down mode, the average power consumption
is reduced 15 mW.
Three standby modes give the user the options of placing the entire device on standby, placing only the transmit
channel on standby, or placing only the receive channel on standby. to place the entire device on standby, both
FSX and FSR are held low. For transmit-only operation (receive channel on standby), FSX is high and FSR is
held low. For receive-only operation (transmit section on standby), FSR is high and FSX is held low. When the
entire device is in standby mode, power consumption is reduced to an average of 3 mW. See Table 1 for
power-down and standby procedures.
Table 1. Power-Down and Standby Procedures
DEVICE STATUS
PROCEDURE
TYPICAL POWER
CONSUMPTION
DIGITAL OUTPUT STATUS
Power down
PDN low
3 mW
TSX and PCM OUT are in the high-impedance state;
SIGR goes low within 10
µs.
Entire device on standby
FSX and FSR are low
3 mW
TSX and PCM OUT are in the high-impedance state;
SIGR goes low within 300 ms.
Only transmit on standby
FSX is low,
FSR is high
40 mW
TSX and PCM OUT are placed in the high-impedance
state within 300 ms.
Only receive on standby
FSR is low,
FSX is high
30 mW
SIGR is placed in the high-impedance state within 300 ms.


Similar Part No. - TCM29C13A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI1-TCM29C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DW TI-TCM29C13DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DWR TI1-TCM29C13DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DWR TI-TCM29C13DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C13A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com