Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C13A Datasheet(PDF) 9 Page - Texas Instruments

Part # TCM29C13A
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C13A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCM29C13A Datasheet HTML 5Page - Texas Instruments TCM29C13A Datasheet HTML 6Page - Texas Instruments TCM29C13A Datasheet HTML 7Page - Texas Instruments TCM29C13A Datasheet HTML 8Page - Texas Instruments TCM29C13A Datasheet HTML 9Page - Texas Instruments TCM29C13A Datasheet HTML 10Page - Texas Instruments TCM29C13A Datasheet HTML 11Page - Texas Instruments TCM29C13A Datasheet HTML 12Page - Texas Instruments TCM29C13A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
distortion over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
T
it i
l t di t ti
ti
i
id l
0
≥ ANLG IN+ ≥ –30 dBm0
36
Transmit signal-to-distortion ratio, sinusoidal
input (CCITT G 712 – Method 2)
– 30 > ANLG IN+
≥ –40 dBm0
30
dB
in ut (CCITT G.712 – Method 2)
– 40 > ANLG IN+
≥ –45 dBm0
25
R
i
i
l t di t ti
ti
i
id l
0
≥ ANLG IN+ ≥ –30 dBm0
36
Receive signal-to-distortion ratio, sinusoidal
input (CCITT G 712 – Method 2)
– 30 > ANLG IN+
≥ –40 dBm0
30
dB
in ut (CCITT G.712 – Method 2)
– 40 > ANLG IN+
≥ –45 dBm0
25
Transmit single-frequency distortion products
AT&T Advisory #64 (3.8),
Input signal = 0 dBm0
–46
dBm0
Receive single-frequency distortion products
AT&T Advisory #64 (3.8),
Input signal = 0 dBm0
–46
dBm0
CCITT G.712 (7.1)
–35
Intermodulation distortion, end to end spurious
CCITT G.712 (7.2)
–49
dBm0
,
out-of-band signals, end to end
CCITT G.712 (6.1)
–25
dBm0
CCITT G.712 (9)
–40
Transmit absolute delay time to PCM OUT
Fixed-data rate,
fCLKX = 2.048 MHz,
245
µs
Transmit absolute delay time to PCM OUT
Input to ANLG IN + 1.02 kHz at 0 dBm0
f = 500 Hz to 600 Hz
170
Transmit differential envelope delay time
f = 600 Hz to 1000 Hz
95
µs
y
relative to transmit absolute delay time
f = 1000 Hz to 2600 Hz
45
µs
f = 2600 Hz to 2800 Hz
105
Receive absolute delay time to PWRO +
Fixed data rate,
Digital input is DMW codes
fCLKR = 2.048 MHz,
190
µs
f = 500 Hz to 600 Hz
45
Receive differential envelope delay time
f = 600 Hz to 1000 Hz
35
µs
y
relative to transmit absolute delay time
f = 1000 Hz to 2600 Hz
85
µs
f = 2600 Hz to 2800 Hz
110
† All typical values are at VBB = –5 V, VCC = 5 V, and TA = 25°C.
transmit filter transfer over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
16.67 Hz
–30
50 Hz
–25
60 Hz
–23
Gain relative to gain at 1 02 kHz
Input amplifier set for unity gain,
Noninverting maximum gain output
200 Hz
– 1.8
– 0.125
dB
Gain relative to gain at 1.02 kHz
Noninverting maximum gain output,
Input signal at ANLG IN + is 0 dBm0
300 Hz to 3 kHz
– 0.15
0.15
dB
In ut signal at ANLG IN + is 0 dBm0
3.3 kHz
– 0.35
0.15
3.4 kHz
–1
– 0.1
4 kHz
–14


Similar Part No. - TCM29C13A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI1-TCM29C13 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DW TI-TCM29C13DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DWR TI1-TCM29C13DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13DWR TI-TCM29C13DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C13A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com