Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98438-1004 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 98438-1004
Description  NSCC/SICMA Female Wire-to-Board Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

98438-1004 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  98438-1004 Datasheet HTML 1Page - Molex Electronics Ltd. 98438-1004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bringing People & Technology Together, Worldwide
SM
Visit our Web site at http://www.molex.com
98438-1006
98438-1005
98438-1004
98438-1003
98438-1002
10.00mm (.394 ")
30.00mm (1.181")
Gray
10.00mm (.394 ")
30.00mm (1.181")
Black
10.00mm (.394 ")
30.00mm (1.181")
Blue
10.00mm (.394 ")
30.00mm (1.181")
Brown
B
(First-to-Last Circuit)
A
(Overall Length)
10.00mm (.394 ")
30.00mm (1.181")
Red
10.00mm (.394 ")
30.00mm (1.181")
98438-1001
Natural
Dimension
Order No.
Color
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Far East South
Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
Far East North
Headquarters
Yamato, Kanagawa,
Japan
81-462-65-2324
feninfo@molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Specifications
Ordering Information
5.00mm (.197”) Pitch
NSCC/SICMA Female
Wire-to-Board Housing
98438
for 2.80mm Tab, with
Bridges, Dual Row, 6
Circuits
Reference Information
Packaging: Cardboard Box
UL File No.:
CSA File No.:
Mates With:
Designed In: mm
Electrical
Voltage:
Current: 18 A / 23 °C
Contact Resistance: < 2m
ς
Dielectric Withstanding Voltage:
Insulation Resistance:
Mechanical
Contact Insertion Force: 10N
Contact Retention to Housing: 80N
Insertion Force to PCB:
Mating Force: 60N
Unmating Force: 150N
Durability:
Physical
Housing: PBT
Spacer: PBT GF15
Operating Temperature: -40 to 105 °C


Similar Part No. - 98438-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98438-1004 MOLEX11-98438-1004 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
More results

Similar Description - 98438-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98438-1004 MOLEX11-98438-1004 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1005 MOLEX11-98438-1005 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1006 MOLEX11-98438-1006 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1001 MOLEX11-98438-1001 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1002 MOLEX11-98438-1002 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1003 MOLEX11-98438-1003 Datasheet
61Kb / 1P
   5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
0988171028 MOLEX1-0988171028 Datasheet
43Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC, Wire to Wire, 2 Circuits, Gray
0988171048 MOLEX1-0988171048 Datasheet
40Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC, Wire to Wire, 4 Circuits, Gray
0988171045 MOLEX1-0988171045 Datasheet
50Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC, Wire to Wire, 4 Circuits, Green
0988171035 MOLEX1-0988171035 Datasheet
46Kb / 2P
   NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC, Wire to Wire, 3 Circuits, Green
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com