Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98268 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 98268
Description  Pitch Premo-Flex?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

98268 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  98268 Datasheet HTML 1Page - Molex Electronics Ltd. 98268 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
0.50, 1.00 and 1.25 mm
Pitch Premo-Flex
98266, 98267, 98268
Flat Flex Cable Jumpers
for ZIF and non-ZIF FFC
connectors
SPECIFICATIONS
FFC Jumpers Provide High Density Interconnects in a Wide Variety of Standard and Custom
Lengths and Circuit Sizes (Even and Odd Circuit Sizes).
The complete line of 0.50 mm (98266), 1.00 mm
(98267) and 1.25 mm (98268) pitch Flat Flex Cable
jumpers offers custom length and circuit size.
The FFC Jumpers are terminated to either Zero
Insertion Force (ZIF) or non-ZIF FFC Pick-and-Place
Surface Mount Connectors.
Molex offers also an extensive range of FFC
connectors and is able to design customized FFC
connectors due to customer requirements.
FFC designs are also available for Automotive Bus
System wiring, enabling proper Impedance Continuity
between 83-150 Ohm and optionally screening
against EMI/RFI influences.
Reference Information
Packaging: Box (1000 pcs)
FFC Tape: UL94 VTM-0
Mates With: Standard FFC Connectors or custom
developed connectors
Designed In: mm
Electrical
Voltage: 60 V
Current: 0.50 mm (98266): 0.5 A
1.00 mm (98267): 1.2 A
1.25 mm (98268): 1.4 A
Conductor Resistance:
0.50 mm (98266): max. 730 Ohms/km
1,00 mm (98267): max. 310 Ohms/km
1.25 mm (98268): max. 270 Ohms/km
Insulation Resistance: 10 MOhms
Mechanical
Abrasion: min. 10,000 cycles
Bending Radius: min. 5 mm
Physical
FFC Tape:
Material: Polyester + Flame retardant adhesive
Thickness: 0.067 mm nominal
Color: white
Reinforcement Tape:
Material: Polyester + adhesive
Thickness: 0.175 mm nominal
Color:
transparent/yellow
FFC Conductor:
Material: Tin plated copper
Width:
0.30 mm (98266)
0.70 mm (98267)
0.80 mm (98268)
Thickness: 0.10 mm
Plating:
tin min 1 µm
Operating Temperature: –40 to 105 °C
FFC Jumpers allow a light and small planar
structure to accommodate a high density wiring
solution.
All products are available in different circuit sizes
(up to 50) at dedicated custom lengths to meet
customers’ most stringent demand.
Available with contacting area on same or
opposite sides to mirror signal layout between
Printed Circuit Boards.
FFC products allow a high temperature
environment up to 105 °C to meet Industry
Standard requirements. Higher Specification
available upon request.
FFC Jumpers are very suitable for Movable
extension of Printed Circuit Boards and/or
Displays units etc. to enable easy assembly
processes.
FFC Jumpers are used in many industries and
applications where the total installed cost is
considered important.
Molex Jumpers are complementary to the
extensive Molex range of FFC connectors securing
perfect conductor alignment.
Molex Package offerings of FFC Jumpers and
Connectors enable attractive pricing and support
supplier reduction programs.
Features and Benefits


Similar Part No. - 98268

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98268-0101 MOLEX11-98268-0101 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.03m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0102 MOLEX11-98268-0102 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.03m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0103 MOLEX11-98268-0103 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.051m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0104 MOLEX11-98268-0104 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 6 Circuits, 0.051m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0105 MOLEX11-98268-0105 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 6 Circuits, 0.076m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
More results

Similar Description - 98268

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15020-0907 MOLEX11-15020-0907 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0971 MOLEX11-15020-0971 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0983 MOLEX11-15020-0983 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0995 MOLEX11-15020-0995 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0999 MOLEX11-15020-0999 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1011 MOLEX11-15020-1011 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1123 MOLEX11-15020-1123 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1138 MOLEX11-15020-1138 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15020-1140 MOLEX11-15020-1140 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
15020-1144 MOLEX11-15020-1144 Datasheet
73Kb / 1P
   1.00mm Pitch Premo-Flex FFC Jumper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com