Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91627-2001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91627-2001
Description  RAST Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

91627-2001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91627-2001 Datasheet HTML 1Page - Molex Electronics Ltd. 91627-2001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.00 mm (.197") Pitch
RAST Power
91627 Receptacle
SPECIFICATIONS
RAST power is the next generation of white goods power connectors. Based on the RAST 2.5 signal connector
the product is designed to carry up to 6 amps and mates directly to a PCB or via header.
The product polarizing features include coding keys, colour coding, polarizing rib and polarizing end walls.
The part is designed to work with a wire of diameter 0.5 mm2 to 0.75 mm2 (20 awg).
Features and Benefits
Reference Information
Packaging: Box
UL File No.: Pending
CSA File No.: Pending
Mates With: 90860, 90861, 90873
Designed In: Millimeters
Electrical
Voltage: 250 V AC
Current: Tin – 6.0 A
Contact Resistance: 5 milliohms double sided pcb
10 milliohms single sided pcb
Dielectric Withstanding Voltage: 1,500 wV AC
Insulation Resistance: 100 Megohms
Mechanical
Mating Force: 4N
Unmating Force: 0.5N
Durability: 10 cycles
Relative Thermal Index: 65
Physical
Housing: PA 6
Contact: Tin
Phosphor Bronze or Copper Alloy
Plating: Contact Area – Tin or Silver
Operating Temperature: –20 °C to +85 °C
Features
Benefits
Coding keys
Prevent mis-mating with header
Polarizing rib
Polarizing end walls
Prevents mis-mating with PCB
Pass GWI750
Meets IEC 60335 specification
Internal latch
Increased PCB retention
Double IDT slot
Improved wire termination and retention


Similar Part No. - 91627-2001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91627-2001 MOLEX11-91627-2001 Datasheet
611Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, Direct/Indirect, Female, 4 Circuits, Glow Wire Compatible
More results

Similar Description - 91627-2001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
419EA MACOM-419EA Datasheet
216Kb / 3P
   Rast 5 Power Relay
logo
Molex Electronics Ltd.
2166580300 MOLEX-2166580300 Datasheet
47Kb / 3P
   RAST Power Semi-Automatic IDC Machine
logo
Lumberg
357099 LUMBERG-357099 Datasheet
104Kb / 2P
   RAST-2.5-Power-Steckverbinder, Raster 5,0 mm
3570 LUMBERG-3570 Datasheet
118Kb / 2P
   RAST-2.5-Power-Steckverbinder, Raster 5,0 mm
logo
Tyco Electronics
041911 MACOM-041911 Datasheet
262Kb / 3P
   Rast 5 Power Relay 419 11 (EA/..)
logo
Molex Electronics Ltd.
0622030000 MOLEX11-0622030000 Datasheet
28Kb / 1P
   Appli-Mate Rast 2.5 Power Manual Terminator
2166580200 MOLEX-2166580200 Datasheet
80Kb / 9P
   RAST 5 Power Semi-Automatic IDC Machine
logo
Lumberg
3695 LUMBERG-3695 Datasheet
193Kb / 3P
   RAST 7.5 Power connectors, pitch 7.5 mm
3690 LUMBERG-3690 Datasheet
332Kb / 4P
   RAST 7.5 Power connectors, pitch 7.5 mm
logo
Molex Electronics Ltd.
0623006000 MOLEX11-0623006000 Datasheet
31Kb / 1P
   RAST 2.5 Power Semi-Automatic Terminator Machine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com