Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85372 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 85372
Description  Low Profi le Cable Connector Front I/O - EMI proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85372 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  85372 Datasheet HTML 1Page - Molex Electronics Ltd. 85372 Datasheet HTML 2Page - Molex Electronics Ltd. 85372 Datasheet HTML 3Page - Molex Electronics Ltd. 85372 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Country Contacts
Austria
Molex Deutschland GmbH
(German Sales Branch)
Tel.: 43(2237)81631
Fax: 43(2237)81634
E-mail: mxaustria@molex.com
Czech Republic + Slovak Republic
Molex Czech, Brno
Tel.: 420(5)45176746
Fax: 420(5)45176747
E-mail: mxczech@molex.com
Denmark
Molex G. Østervig A/S, Glostrup
Tel.: 45(43)431030
Fax: 45(43)434460
E-mail: mxdenmark@molex.com
Egypt
High Technology Systems Ltd., Cairo
Tel.: 20(2)7491051
Fax: 20(2)7486278
Finland
Molex Finland, Vantaa
Tel.: 358(9)75946610
Fax: 358(9)75946620
E-mail: mxfinland@molex.com
France
Molex France, Bièvres
Tel.: 33(1)69354900
Fax: 33(1)69410100
E-mail: mxfrance@molex.com
Molex Automotive SARL, Bièvres
Tel.: 33(1)64538740
Fax: 33(1)60194978
Germany
Molex Deutschland GmbH
Heilbronn-Biberach
Tel.: 49(7066)9555-8100
Fax: 49(7066)9555-29
E-mail: mxgermany@molex.com
Hungary + Romania
Molex Deutschland GmbH
(German Sales Branch)
Tel.: 36(1)3599765
Fax: 36(1)2880537
E-mail: mxhungary@molex.com
Ireland
Molex Ireland, Dublin
Tel.: 353(1)6675511
Fax: 353(1)6675512
E-mail: mxireland@molex.com
Israel
Telsys Ltd., Tel Aviv
Tel.: 972(3)7657660
Fax: 972(3)6497407
Italy
Molex Italy, Cassina de Pecchi (MI)
Tel.: 39(02)950551
Fax: 39(02)95055250
E-mail: mxitaly@molex.com
Netherlands, Belgium + Luxembourg
Molex BV, Eindhoven
Tel.: 31(40)2958201
Fax: 31(40)2958206
E-mail: mxnetherlands@molex.com
Norway
Molex G. Knutsen AS, Oslo
Tel.: 47(23)039100
Fax: 47(23)039149
E-mail: mxnorway@molex.com
Poland
Molex Polska Sp. z o.o., Warszawa
Tel.: 48(22)8621481
Fax: 48(22)8623143
E-mail: mxpolska@molex.com
Russia + Azerbaijan, Baltic Countries,
Belarus, Moldavia
Molex Russia, Moscow
Tel.: 7(095)2588444
Fax: 7(095)2588444
E-mail: mxrussia@molex.com
Serbia + Bulgaria, Croatia,
Macedonia, Montenegro, Slovenia
Zoran Rabrenovic, Belgrade
Tel.: 381(11)3046124
Fax: 381(11)3046124
E-mail: mxserbia@molex.com
Spain
Molex Spain, Barcelona
Tel.: 34(93)4766880
Fax: 34(93)4766881
E-mail: mxspain@molex.com
Sweden
Molex Sweden, Upplands Väsby
Tel.: 46(8)59421100
Fax: 46(8)59421120
E-mail: mxsweden@molex.com
Switzerland
EME AG, Ebmatingen
Tel.: 41(1)9821111
Fax: 41(1)9821122
Turkey, Greece + Middle East
Molex Turkiye, Istanbul
Tel.: 90(212)3510930
Fax: 90(212)3510925
E-mail: mxturkey@molex.com
United Kingdom
Molex U.K., Farnham
Tel.: 44(1252)720720
Fax: 44(1252)720721
E-mail: mxuk@molex.com
Ukraine
Molex Ukraine, Kiev
Tel.: 380(44)4942644
Fax: 380(44)4942644
E-mail: mxukraine@molex.com
Divisional Contacts
Germany
Molex Elektronik GmbH
(Automotive Factory), Ettlingen
Tel.: 49(7243)3350
Fax: 49(7243)31420
Molex GmbH
Heilbronn-Biberach
Tel.: 49(7066)30-0
Fax: 49(7066)30-120
France
Molex Automotive SARL, Villemur
Tel.: 33(5)62220333
Fax: 33(5)62092086
Ireland
Molex Ireland Ltd., Shannon
Tel.: 353(61)702400
Fax: 353(61)702700
Molex Millstreet, County Cork
Tel.: 353(29)70252
Fax: 353(29)70648
Italy
Molex Zetronic srl, Padova
Tel.: 39(049)8072071
Fax: 39(049)8072548
Netherlands
Molex Interconnect GmbH
Eindhoven
Tel.: 31(40)2958295
Fax: 31(40)2958290
Poland
Moltech, Sulecin
Tel.: 48(95)7560-100
Fax: 48(95)7560-186
Slovac Republic
Molex Slovakia, a.s., Kechnec
Tel.: 421(55)7273111
Fax: 421(55)7273100
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1(800)78MOLEX
Fax: 1(630)969-1352
Far East North Headquarters
Yamato, Japan
Tel: 81(462)65-2324
Fax: 81(462)65-2366
Far East South Headquarters
Jurong, Singapore
Tel: 65(268)6868
Fax: 65(265)6044
European Headquarters
Munich, Germany
Tel: 49(89)413092-0
Fax: 49(89)401527
Corporate Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1(630)969-4550
Fax: 1(630)969-1352
Visit our Web site at http://www.molex.com
Order No. MUN/E062 Rev 1
Printed in Germany/2K/whp/whp/2005.09
©2005, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352


Similar Part No. - 85372

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8537 GILWAY-8537 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
PHOENIX CONTACT
8537 PHOENIX-8537 Datasheet
340Kb / 25P
   AXL E EC DIO16 M12 6M
logo
ABB
8537109160 ABB-8537109160 Datasheet
94Kb / 2P
   SPC700 Controller Module
More results

Similar Description - 85372

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com