Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTFR0603CBBV1002 Datasheet(PDF) 1 Page - Central Technologies

Part # CTTFR0603CBBV1002
Description  Thin Film Precision Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTFR0603CBBV1002 Datasheet(HTML) 1 Page - Central Technologies

  CTTFR0603CBBV1002 Datasheet HTML 1Page - Central Technologies CTTFR0603CBBV1002 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thin Film Precision Chip Resistors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTTFR Series
0
20
100
Ambient Temperature(°C)
80
60
40
30
20
40
60 70
80 100 120 140 155
CTTFR
1
2
3 4 5 6
7
0402 T T D
1000
Not shown at actual size.
- Thin Film Passivated NiCr Resistor
- Very Tight Tolerance from ±0.01%~1%
- Extremely Low TCR from ±5~±50 PPM/°C
- Wide R-Value Range
- Medical Equipment
- Testing / Measurement Equipment
- Consumer Product
- Printer Equipment
- Automatic Equipment Controller
- Converters
- Communication Device, Cell phone, GPS, PDA
01.23.07
FEATURES
APPLICATIONS
PART NUMBERING
DERATING CURVE
1. Product Type
Product Type
CTTFR
Thin Film Precision Chip Resistor
2. Dimensions (LxW)
EIA
Dimensions(LxW)
0402
1.00x0.50mm
0603
1.60x0.80mm
0805
2.00x1.25mm
1206
3.00x1.50mm
3. Resistance Tolerance
Codes
Resistance Tolerance
T
±0.01%
B
±0.10%
C
±0.25%
D
±0.50%
F
±1.00%
4. Packaging
Codes
Type
T
Tape & Reel
B
Bulk
5. TCR
Codes
Type
S
±5 PPM/°C
B
±10 PPM/°C
N
±15 PPM/°C
C
±25 PPM/°C
D
±50 PPM/°C
6. High Power Rating
Codes
Power Rating
Standard / Special
V
1/4W
W
1/8W
X
1/10W
7. Resistance
Codes
Type
1000
100
Ω
Ω
2201
2200
Ω
Ω
1002
10000
Ω
Ω
4992
49900
Ω
Ω
1003
100000
Ω
Ω
RoHS
Compliant
Tape & Reel QTY’s
CTTFR0402 = 10,000pcs
CTTFR0603 = 5,000pcs
CTTFR0805 = 5,000pcs
CTTFR1206 = 5,000pcs


Similar Part No. - CTTFR0603CBBV1002

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1B CT-CTTF0201F-0N1B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1C CT-CTTF0201F-0N1C Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1S CT-CTTF0201F-0N1S Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N2B CT-CTTF0201F-0N2B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results

Similar Description - CTTFR0603CBBV1002

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com