Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1591CPS Datasheet(PDF) 4 Page - Texas Instruments

Part # TL1591CPS
Description  192-165-pixel ccd image sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1591CPS Datasheet(HTML) 4 Page - Texas Instruments

  TL1591CPS Datasheet HTML 1Page - Texas Instruments TL1591CPS Datasheet HTML 2Page - Texas Instruments TL1591CPS Datasheet HTML 3Page - Texas Instruments TL1591CPS Datasheet HTML 4Page - Texas Instruments TL1591CPS Datasheet HTML 5Page - Texas Instruments TL1591CPS Datasheet HTML 6Page - Texas Instruments TL1591CPS Datasheet HTML 7Page - Texas Instruments TL1591CPS Datasheet HTML 8Page - Texas Instruments TL1591CPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
210 Cycles
tw1
t2
t3
t1
tw2
t4
IAG
SRG
Readout
Integration
165 Cycles
ABG
IAG
SRG
Figure 2. Timing Diagram, Noninterlace Mode
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range for ADB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for IAG, SRG, ABG, VI
–15 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TA
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.


Similar Part No. - TL1591CPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1591CPSLE TI1-TL1591CPSLE Datasheet
226Kb / 11P
[Old version datasheet]   SAMPLE-AND-HOLD CIRCUIT FOR CCD IMAGERS
More results

Similar Description - TL1591CPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
[Old version datasheet]   192- x 165-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC244A TI-TC244A Datasheet
311Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com