Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTKFR1210FTF1002 Datasheet(PDF) 3 Page - Central Technologies

Part # CTTKFR1210FTF1002
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTKFR1210FTF1002 Datasheet(HTML) 3 Page - Central Technologies

  CTTKFR1210FTF1002 Datasheet HTML 1Page - Central Technologies CTTKFR1210FTF1002 Datasheet HTML 2Page - Central Technologies CTTKFR1210FTF1002 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thick Film Chip Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTTKFR Series
03.16.07
STANDARD ELECTRICAL SPECIFICATIONS (CONTINUED)
Power
Operating
Max.
Max.
Resistance
Rating
Temp.
Operating
Overloading
Tolerance
Resistance
TCR
Type
at 70°C
Range
Voltage
Voltage
(±)
Range
(±PPM/°C)
CTTKFR2512
1W
-55°C to +155°C
200V
400V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200
CTTKFR2010
1/2W
-55°C to +155°C
200V
400V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200


Similar Part No. - CTTKFR1210FTF1002

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
CT Micro International ...
CTT0213 CTMICRO-CTT0213 Datasheet
1Mb / 12P
   600V Zero Cross High Power Photo TRIAC
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
   600V Random Phase High Power Photo TRIAC
logo
List of Unclassifed Man...
CTT116 ETC1-CTT116 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
CTT116GK08 ETC1-CTT116GK08 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - CTTKFR1210FTF1002

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com