Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTKFR2512JT-2201 Datasheet(PDF) 1 Page - Central Technologies

Part # CTTKFR2512JT-2201
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTKFR2512JT-2201 Datasheet(HTML) 1 Page - Central Technologies

  CTTKFR2512JT-2201 Datasheet HTML 1Page - Central Technologies CTTKFR2512JT-2201 Datasheet HTML 2Page - Central Technologies CTTKFR2512JT-2201 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Chip Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTTKFR Series
CTTKFR
1
2
3 4 5
6
0402 F T E 1000
Not shown at actual size.
- Thick Film Passivated NiCr Resistor
- Very Tight Tolerance from ±1%~5%
- Wide R-Value Range
- Medical Equipment
- Testing / Measurement Equipment
- Consumer Product
- Printer Equipment
- Automatic Equipment Controller
- Converters
- Communication Device, Cell phone, GPS, PDA
03.16.07
FEATURES
APPLICATIONS
PART NUMBERING
1. Product Type
Product Type
CTTKFR
Thick Film Chip Resistor
2. Dimensions (LxW)
EIA
Dimensions(LxW)
0201
0.6x0.30mm
0402
1.0x0.50mm
0603
1.6x0.80mm
0805
2.0x1.25mm
1206
3.1x1.55mm
1210
3.1x2.5mm
2010
5.0x2.5mm
2512
6.3x3.2mm
3. Resistance Tolerance
Codes
Resistance Tolerance
F
±1%
J
±5%
4. Packaging
Code
Type
T
Tape & Reel
5. TCR
Codes
Type
E
±100 PPM/°C
F
±200 PPM/°C
-
Not Specified
6. Resistance
Codes
Type
1000
100
Ω
Ω
2201
2200
Ω
Ω
1002
10000
Ω
Ω
4992
49900
Ω
Ω
1003
100000
Ω
Ω
RoHS
Compliant
Tape & Reel QTY’s
CTTKFR0201 = 10,000pcs (paper tape)
CTTKFR0402 = 10,000pcs (paper tape)
CTTKFR0603 = 5,000pcs (paper tape)
CTTKFR0805 = 5,000pcs (paper tape)
CTTKFR1206 = 5,000pcs (paper tape)
CTTKFR1210 = 5,000pcs (paper tape)
CTTKFR2010 = 4,000pcs (embossed tape)
CTTKFR2512 = 4,000pcs (embossed tape)


Similar Part No. - CTTKFR2512JT-2201

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
CT Micro International ...
CTT0213 CTMICRO-CTT0213 Datasheet
1Mb / 12P
   600V Zero Cross High Power Photo TRIAC
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
   600V Random Phase High Power Photo TRIAC
logo
List of Unclassifed Man...
CTT116 ETC1-CTT116 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
CTT116GK08 ETC1-CTT116GK08 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - CTTKFR2512JT-2201

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com