Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS88BTQFP Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LVDS88BTQFP
Description  TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS88BTQFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LVDS88BTQFP Datasheet HTML 4Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 5Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 6Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 7Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 8Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 9Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 10Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 11Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SN75LVDS88B
TFT LCD PANEL TIMING CONTROLLER
WITH LVDS INTERFACE
SLLS407 – FEBRUARY 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
PFD (S-PQFP-G100)
PowerPAD
™ PLASTIC QUAD FLATPACK (DIE DOWN)
0,13 NOM
50
26
Thermal Pad
(see Note D)
0,75
0,45
0,25
Seating Plane
4146930/A 12/97
Gage Plane
0,27
75
0,17
76
100
SQ
SQ
1
15,80
16,20
14,20
13,80
12,00 TYP
1,05
0,95
1,20 MAX
51
25
0,50
0,08
M
0,08
0
°–7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by attaching an external heatsink to the thermal pad.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN75LVDS88BTQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88ATQFP TI-SN75LVDS88ATQFP Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88TQFP TI-SN75LVDS88TQFP Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
More results

Similar Description - SN75LVDS88BTQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS??Interface
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
[Old version datasheet]   TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
   TFT LCD Timing Controller
Rev.1.0
logo
Texas Instruments
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
List of Unclassifed Man...
CS5843 ETC2-CS5843 Datasheet
76Kb / 1P
   LCD Panel Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com