Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS88BTQFP Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75LVDS88BTQFP
Description  TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS88BTQFP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LVDS88BTQFP Datasheet HTML 4Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 5Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 6Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 7Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 8Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 9Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 10Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 11Page - Texas Instruments SN75LVDS88BTQFP Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN75LVDS88B
TFT LCD PANEL TIMING CONTROLLER
WITH LVDS INTERFACE
SLLS407 – FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
functional description
Flatlink
The core of the Flatlink is TIs original 86A LVDS receiver, which has three data channels for the 18-bit color plus
one clock channel.
data alignment
The data alignment block supports dual bus, dual port column driver configuration. When interfacing a 2-port
column driver, the controller arranges pixels in odd and even order, then distributes them to odd and even buses
and each connects to either of the driver ports. Under this setup, the controller outputs one clock, one or two
data polarities (depends on driver), and one inverse ( support line inversion) signal to the drivers.
output formatting
The output formatting provides several functions to reduce EMI, noise, and timing delay arrangement. These
functions are controllable through some optional pins. See the registers and options section for reference.
D Reverse Polarity Generation
When enabled this function generates polarity indication signals. This occurs when the number of
transitions in the output data bus exceeds 18-bits compared to the previous output under normal polarity.
The polarity signal will be active and the output will be the opposite polarity to reduce transition.
D Line Inversion
When enabled, the REV_O and REV_E terminals will output the same line inversion control signals but in
opposite polarities.
timing control
D Horizontal Starting pulses
ESP and OSP terminals are used as the horizontal starting pulses output pins. Their outputs are one HCLK
period ahead of the RGB data stream
D Horizontal Clock
ECLK and OCLK terminals are responsible for the clock pulses, based on the XGA resolution when its
frequency is at 32.5 MHz.
D CD Data Latch Pulse
TP1 and TP2 provide the column driver input latch and output enable signals.
D Gate Driver Clock
The CPV terminal output the clock pulses to the gate drivers as the horizontal sync timing in its CRT counter
part.
D Gate Driver Starting Pulse
The vertical starting pulse automatically generates at the start of every frame.
D Gate Driver Output Enable
The OE1 and OE2 terminals provide the gate output enabale signals.


Similar Part No. - SN75LVDS88BTQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88ATQFP TI-SN75LVDS88ATQFP Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88TQFP TI-SN75LVDS88TQFP Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
More results

Similar Description - SN75LVDS88BTQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS??Interface
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
[Old version datasheet]   TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
   TFT LCD Timing Controller
Rev.1.0
logo
Texas Instruments
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
List of Unclassifed Man...
CS5843 ETC2-CS5843 Datasheet
76Kb / 1P
   LCD Panel Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com