Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS88ATQFP Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LVDS88ATQFP
Description  TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS88ATQFP Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS88ATQFP Datasheet HTML 1Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 2Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 3Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 4Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 5Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 6Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 7Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 8Page - Texas Instruments SN75LVDS88ATQFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75LVDS88A
TFT LCD PANEL TIMING CONTROLLER
WITH LVDS INTERFACE
SLLS398 – DECEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Flatlink Interface Utilizes Low Power
Differential Signalling(LVDS)
D Suitable for Notebook Application
D XGA Resolution
D Six Bit System Interface
D Support Mainstream Data and Gate Drivers
D Optional Configurable Pins
D Low Voltage CMOS 3.3 V Technology
D 65 MHz Phase-Lock Input
D 100-pin TQFP Package for Compact LCD
Module
D Tolerates 4 kV HBM ESD for LVDS Pins and
2 kV HBM for Others
D Improved Jitter Tolerance
description
The SN75LVDS88A (LVDS panel timing controller) integrates a Flatlink signal interface with a TFT LCD timing
controller. It resides in the LCD panel and provides interface between the graphic controller and a TFT LCD
panel.
The SN75LVDS88A accepts host data through 3 pairs of inputs (18-bits) making up the LVDS bus, which is a
low-EMI high-throughput interface. SN75LVDS88A then reformats the received image data into a specific data
format and synchronous timing suitable for driving LCD panel column and row drivers. This device supports
XGA resolution.
The SN75LVDS88A is easily configured by several selection terminals and is equipped with default timing
specifications to support mainstream gate and source drivers on the market.
block diagram
Flat Link
(18-bit)
Timing
Signal
Generator
SYNC
Data Alignment
CTRL
Interface
Source
Data
Format
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN75LVDS88ATQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88BPFD TI-SN75LVDS88BPFD Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88BTQFP TI-SN75LVDS88BTQFP Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88TQFP TI-SN75LVDS88TQFP Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
More results

Similar Description - SN75LVDS88ATQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
[Old version datasheet]   TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS??Interface
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
[Old version datasheet]   TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
   TFT LCD Timing Controller
Rev.1.0
logo
Texas Instruments
FPD87352 TI1-FPD87352 Datasheet
123Kb / 6P
[Old version datasheet]   TFT-LCD Timing Controller
logo
National Semiconductor ...
FPD48084 NSC-FPD48084 Datasheet
142Kb / 2P
   LCD TV TFT-LCD Timing Controller with PPDS
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
List of Unclassifed Man...
CS5843 ETC2-CS5843 Datasheet
76Kb / 1P
   LCD Panel Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com