Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTF0402F-10NG Datasheet(PDF) 1 Page - Central Technologies

Part # CTTF0402F-10NG
Description  Thin Film Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTF0402F-10NG Datasheet(HTML) 1 Page - Central Technologies

  CTTF0402F-10NG Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin Film Chip Inductors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.21.08
L Test
Q Test
DCR
Rated DC
SRF
Part
Inductance
Freq.
Q
Freq.
Max.
Max.
Min.
Number
(nH)
(MHz)
Min.
(MHz)
(
Ω
Ω)
(mA)
(GHz)
CTTF0402F-0N2_**
0.2
500
13
500
0.1
800
6
CTTF0402F-0N4_**
0.4
500
13
500
0.1
800
6
CTTF0402F-0N8_**
0.8
500
13
500
0.1
700
6
CTTF0402F-1N0_**
1.0
500
13
500
0.1
700
6
CTTF0402F-1N2_**
1.2
500
13
500
0.1
700
6
CTTF0402F-1N5_**
1.5
500
13
500
0.2
700
6
CTTF0402F-1N6_**
1.6
500
13
500
0.2
560
6
CTTF0402F-1N8_**
1.8
500
13
500
0.2
560
6
CTTF0402F-2N0_**
2.0
500
13
500
0.3
560
6
CTTF0402F-2N2_**
2.2
500
13
500
0.3
440
6
CTTF0402F-2N5_**
2.5
500
13
500
0.35
440
6
CTTF0402F-2N7_**
2.7
500
13
500
0.3
440
6
CTTF0402F-3N0_**
3.0
500
13
500
0.45
380
6
CTTF0402F-3N1_**
3.1
500
13
500
0.4
380
6
CTTF0402F-3N3_**
3.3
500
13
500
0.4
380
6
CTTF0402F-3N6_**
3.6
500
13
500
0.4
380
6
CTTF0402F-3N8_**
3.8
500
13
500
0.55
340
6
CTTF0402F-3N9_**
3.9
500
13
500
0.5
340
6
CTTF0402F-4N7_**
4.7
500
13
500
0.6
320
6
CTTF0402F-5N6_**
5.6
500
13
500
0.7
280
6
CTTF0402F-5N9_**
5.9
500
13
500
0.7
280
6
CTTF0402F-6N8_**
6.8
500
13
500
0.9
260
6
CTTF0402F-7N2_**
7.2
500
13
500
0.9
260
6
CTTF0402F-8N0_**
8.0
500
13
500
1.1
220
5.5
CTTF0402F-8N2_**
8.2
500
13
500
1.1
220
5.5
CTTF0402F-9N1_**
9.1
500
13
500
1.1
220
5.5
CTTF0402F-10N_*
10
500
13
500
1.3
200
4.5
CTTF0402F-12N_*
12
500
13
500
1.6
180
3.7
CTTF0402F-13N8_*
13.8
500
13
500
1.6
180
3.7
CTTF0402F-15N_*
15
500
13
500
1.8
130
3.3
CTTF0402F-17N_*
17
500
13
500
2.0
100
3.1
CTTF0402F-18N_*
18
500
13
500
2.0
100
3.1
CTTF0402F-20N8_*
20.8
500
13
500
2.6
90
2.8
CTTF0402F-22N_*
22
500
13
500
2.6
90
2.8
CTTF0402F-27N_*
27
500
13
500
2.5
75
3.25
CTTF0402F-33N_*
33
500
13
500
2.5
75
3.75
CTTF0402F Series
From 0.2 nH to 33 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD thin film chip inductors
Applications: Cellular Telephone, pagers, GPS products,
wireless LAN and other communication appliances, VCO, TCXO
circuit and RF Transceiver Module
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±0.1nH, ±0.2nH & ±2%
Testing: Tested on a HP4287A at 500 MHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels are marked with inductance code and tolerance
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
mm
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05
0.2 ± 0.1
inches
0.04 ± 0.002
0.02 ± 0.002
0.01 ± 0.002
0.008 ± 0.004
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTTF0402F-0N2_
B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, F = ±1%, G = ±2%,
H = ±3%, J = ±5%
* = F, G, H or J only
** = B, C, or S only
RoHS
Compliant


Similar Part No. - CTTF0402F-10NG

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1B CT-CTTF0201F-0N1B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1C CT-CTTF0201F-0N1C Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1S CT-CTTF0201F-0N1S Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N2B CT-CTTF0201F-0N2B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results

Similar Description - CTTF0402F-10NG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com