Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-65834F Datasheet(PDF) 1 Page - Central Technologies

Part # CT-65834F
Description  T1-CEPT-ISDN-PRI 10 Pin Dip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT-65834F Datasheet(HTML) 1 Page - Central Technologies

  CT-65834F Datasheet HTML 1Page - Central Technologies CT-65834F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telecommunication Components
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.23.07
Turns
Ratio
OCL@ 25°C
Cw/w
LL sec
DCR pri
DCR sec
Package/
Primary
Part Number
(pri:sec ± 5%)
(mH Min.)
(pF Max.)
(µH Max.)
(
Ω
Ω Max.)
(
Ω
Ω Max.)
Schematic
Pins
CT-65830F
1:1:1.58(1.27CS:1)
0.800
18
0.70
0.70
0.50
K-8/C
1-5 (2,4SH)
CT-65831F
1:1:2(1CS:1)
0.800
25
0.50
0.70
0.70
K-8/C
1-5 (2,4SH)
CT-65832F
1:1.36CT
1.20
35
0.60
0.70
0.90
K-8/D
10-6
CT-65833F
1CT:2CT
1.20
30
0.30 - 0.55
0.70
1.10
K-8/A
1-5
CT-65834F
1:1
1.20
30
0.50
0.70
0.70
K-8/B
1-5
CT-65835F
1CT:2CT
1.20
30
0.55
0.70
1.10
K-8/A
1-5
CT-65836F
1CT:3CT:1
0.600
30
0.80
0.70
1.70
K-8/E
1-3
CT-65837F
1:1.08/1.36
1.50
20
0.60
0.70
0.90
K-8/D
10-6
CT-65838F
1:1.14CT
1.50
30
0.70
0.70
0.90
K-8/D
10-6
CT-65839F
1:1/1.26
1.50
35
0.60
0.70
1.10
K-8/D
10-6
CT-68646F
1:1.58/2
1.50
20
0.760
0.70
1.20
K-8/D
10-6
CT-68788F
1CT:1.41CT
0.800
30
0.860
0.70
0.90
K-8/A
10-6
T1-CEPT-ISDN-PRI
10 Pin Dip
Not shown at actual size.
APPLICATIONS
Certified for heavy insulation per EN 41003/EN 60950
For T1/CEPT line interfaces
3K Vrms isolation
Matched to leading transceiver ICs
Designed to meet ITU-T G.703
Operating Temperature: 0°C to +70°C
Storage Temperature: -25°C to +125°C
RoHS Compliant
ORDERING INFO
PACKAGE
PHYSICAL DIMENSIONS
3.0(.118)
Electrical Specifications @ 25°C
RoHS
Compliant


Similar Part No. - CT-65834F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT-65861F CT-CT-65861F Datasheet
491Kb / 2P
   T1/CEPT/ISDN-PRI (SMD) Small Size
CT-65862F CT-CT-65862F Datasheet
491Kb / 2P
   T1/CEPT/ISDN-PRI (SMD) Small Size
CT-65865F CT-CT-65865F Datasheet
491Kb / 2P
   T1/CEPT/ISDN-PRI (SMD) Small Size
CT-65866F CT-CT-65866F Datasheet
491Kb / 2P
   T1/CEPT/ISDN-PRI (SMD) Small Size
CT-65870F CT-CT-65870F Datasheet
491Kb / 2P
   T1/CEPT/ISDN-PRI (SMD) Small Size
More results

Similar Description - CT-65834F

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
   T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E12 XFMRS-XF0023E12_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E13 XFMRS-XF0023E13_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com