Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTQ4343-B Datasheet(PDF) 2 Page - Central Technologies

Part # CTQ4343-B
Description  Standard Flyback Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTQ4343-B Datasheet(HTML) 2 Page - Central Technologies

  CTQ4343-B Datasheet HTML 1Page - Central Technologies CTQ4343-B Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Standard Flyback Regulators
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
PHYSICAL DIMENSIONS
Recommended
Land pattern
1
6
12
7
0.004 MAX
Surface Mount (SM)
CTQ4435-B / CTQ4436-B / CTQ4437-B / CTQ4438-B / CTS6057-A
5
8
14
14
84
5
1
Through Hole (TH)
CTQ4434-B / CTQ4337-B / CTQ4338-B / CTQ4339-B / CTS6000-A
Recommended
Footprint
Through Hole (TH)
CTQ4343-B / CTQ4344-B
Unit: inch
12.11.06


Similar Part No. - CTQ4343-B

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTQFW4228F-100M CT-CTQFW4228F-100M Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTQFW4228F-101M CT-CTQFW4228F-101M Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTQFW4228F-150M CT-CTQFW4228F-150M Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
CTQFW4228F-151M CT-CTQFW4228F-151M Datasheet
388Kb / 2P
   High Current Power Inductor-Shielded
REV 08.14.19
More results

Similar Description - CTQ4343-B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
   Universal-Input 20W 67kHz Flyback Switching Regulators
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
logo
Rohm
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
logo
Allegro MicroSystems
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
   Universal-Input 13 W 100 kHz Flyback Switching Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com