Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-64996F Datasheet(PDF) 1 Page - Central Technologies

Part # CT-64996F
Description  ISDN S-Interface 6 Pin, 7 Pin, 8 Pin DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT-64996F Datasheet(HTML) 1 Page - Central Technologies

  CT-64996F Datasheet HTML 1Page - Central Technologies CT-64996F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telecommunication Components
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.11.07
Single Transformers
Ratio
OCL Pri
Cw/w
LL sec
CD Pri
DCR pri
DCR sec
ΔΔ Idc
Package/
Part Number
(± 2%)
(mH min.)
(pF Max.)
(µH Max.)
(pF Max.)
(
Ω
Ω ± 25%)
(
Ω
Ω ± 25%)
(mA Max.)
Schematic
CT-64993F
1CT:1CT
22
100
5
42
2.4
2.4
1
SA
CT-64994F
1CT:1.8CS
22
100
15
140
2.5
4.2
1
SB
CT-64995F
1CT:2CT
22
100
15
80
2.3
4.0
1
SA
CT-64996F
1CT:2.5CS
22
100
30
150
2.5
5.8
1
SB
CT-64998F
1CS:2.5CS
22
100
8-40
110
2.5
5.8
1
SC
CT-64999F
1CT:2CT
22
100
11
180
2.4
4.4
1
SA
ISDN S-Interface
6 Pin, 7 Pin, 8 Pin DIP
Not shown at actual size.
APPLICATIONS
Through-hole single
Meets the pulse waveform template of CCITT 1.430 when recommended
transformer and chip pair is used
Excellent longitudinal balance
2 K Vrms or higher voltage isolation
RoHS Compliant.
SCHEMATICS
Electrical Specifications @ 25°C
ORDERING INFO
RoHS
Compliant


Similar Part No. - CT-64996F

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CT-6 RICHCO-CT-6 Datasheet
51Kb / 1P
   CORRUGATED TUBE
logo
Copal Electronics
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
TEKTRONIX, INC.
CT-60-S TEKTRONIX-CT-60-S Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
logo
List of Unclassifed Man...
CT-60L75M2 ETC2-CT-60L75M2 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
More results

Similar Description - CT-64996F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT-65492F CT-CT-65492F Datasheet
455Kb / 2P
   ISDN S- Interface 16 Pin DIP
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
   8-pin DIP pin 1
6/04
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
   6-Pin DIP Optocoupler
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Connor-Winfield Corpora...
S51R CONNOR-WINFIELD-S51R Datasheet
59Kb / 1P
   8 PIN DIP HCMOS
H73 CONNOR-WINFIELD-H73 Datasheet
32Kb / 1P
   8 PIN DIP HCMOS
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com