Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTS3F-223K Datasheet(PDF) 1 Page - Central Technologies

Part # CTS3F-223K
Description  Shielded Inductors - Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS3F-223K Datasheet(HTML) 1 Page - Central Technologies

  CTS3F-223K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.22.05
Size
A
B
C
22 AWG
Typ.
Nom.
mm
10.4±0.76
4.06±0.76
29.2
0.643
inches
0.41±0.03
0.16±0.03
1.15
0.03
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTS3F-R10_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W
W)
(mA)
CTS3F-R10_
.10
25
50
25
250
.02
1790
CTS3F-R12_
.12
25
51
25
250
.03
1530
CTS3F-R15_
.15
25
51
25
250
.04
1470
CTS3F-R18_
.18
25
50
25
250
.05
1300
CTS3F-R22_
.22
25
49
25
250
.07
1100
CTS3F-R27_
.27
25
47
25
250
.11
855
CTS3F-R33_
.33
25
46
25
250
.13
780
CTS3F-R39_
.39
25
44
25
250
.18
670
CTS3F-R47_
.47
25
44
25
235
.25
565
CTS3F-R56_
.56
25
43
25
210
.33
490
CTS3F-R68_
.68
25
42
25
190
.45
420
CTS3F-R82_
.82
25
40
25
180
.59
370
CTS3F-1R0_
1.0
25
47
25
140
.07
1070
CTS3F-1R2_
1.2
7.9
46
7.9
130
.10
895
CTS3F-1R5_
1.5
7.9
45
7.9
115
.12
815
CTS3F-1R8_
1.8
7.9
43
7.9
105
.14
775
CTS3F-2R2_
2.2
7.9
45
7.9
100
.19
650
CTS3F-2R7_
2.7
7.9
46
7.9
92
.28
535
CTS3F-3R3_
3.3
7.9
44
7.9
85
.35
480
CTS3F-3R9_
3.9
7.9
44
7.9
75
.40
450
CTS3F-4R7_
4.7
7.9
44
7.9
70
.55
380
CTS3F-5R6_
5.6
7.9
47
7.9
65
.72
335
CTS3F-6R8_
6.8
7.9
50
7.9
55
1.0
280
CTS3F-8R2_
8.2
7.9
50
7.9
50
1.3
250
CTS3F-100_
10
7.9
49
7.9
46
1.6
220
CTS3F-120_
12
2.5
55
2.5
44
2.0
200
CTS3F-150_
15
2.5
44
2.5
49
.80
315
CTS3F-180_
18
2.5
45
2.5
45
.89
300
CTS3F-220_
22
2.5
46
2.5
40
.96
290
CTS3F-270_
27
2.5
49
2.5
38
1.2
260
CTS3F-330_
33
2.5
45
2.5
34
1.4
240
CTS3F-390_
39
2.5
53
2.5
29
1.9
205
CTS3F-470_
47
2.5
52
2.5
27
2.1
195
CTS3F-560_
56
2.5
49
2.5
25
2.2
190
CTS3F-680_
68
2.5
51
2.5
21
2.7
170
CTS3F-820_
82
2.5
45
2.5
11
2.4
180
CTS3F-101_
100
2.5
45
2.5
10
3.1
160
CTS3F-121_
120
.79
57
.79
9.7
3.6
150
CTS3F-151_
150
.79
56
.79
8.5
4.1
140
CTS3F-181_
180
.79
60
.79
8.0
4.4
135
CTS3F-221_
220
.79
58
.79
7.5
5.0
125
CTS3F-271_
270
.79
60
.79
7.0
5.8
115
CTS3F-331_
330
.79
54
.79
6.5
6.4
110
CTS3F-391_
390
.79
67
.79
6.2
7.4
105
CTS3F-471_
470
.79
60
.79
5.7
9.5
92
CTS3F-561_
560
.79
60
.79
4.7
10
90
CTS3F-681_
680
.79
60
.79
4.5
12
80
CTS3F-821_
820
.79
57
.79
4.2
13
80
CTS3F-102_
1000
.79
65
.79
3.8
17
70
CTS3F-122_
1200
.25
45
.25
1.5
22
60
CTS3F-152_
1500
.25
49
.25
1.2
26
55
CTS3F-182_
1800
.25
47
.25
1.0
30
50
CTS3F-222_
2200
.25
50
.25
.97
34
50
CTS3F-272_
2700
.25
47
.25
.92
47
40
CTS3F-332_
3300
.25
43
.25
.84
53
40
CTS3F-392_
3900
.25
43
.25
.80
74
35
CTS3F-472_
4700
.25
44
.25
.74
81
31
CTS3F-562_
5600
.25
45
.25
.73
99
28
CTS3F-682_
6800
.25
43
.25
.66
111
27
CTS3F-822_
8200
.25
42
.25
.54
119
26
CTS3F-103_
10000
.25
39
.25
.47
137
24
CTS3F-123_
12000
.079
30
.079
.33
143
23
CTS3F-153_
15000
.079
30
.079
.29
157
22
CTS3F-183_
18000
.079
30
.079
.28
175
21
CTS3F-223_
22000
.079
27
.079
.25
274
17
CTS3F-273_
27000
.079
27
.079
.21
308
16
CTS3F-333_
33000
.079
27
.079
.19
343
15
CTS3F-393_
39000
.079
27
.079
.17
376
15
CTS3F-473_
47000
.079
23
.079
.16
473
13
CTS3F-563_
56000
.079
23
.079
.14
512
13
CTS3F-683_
68000
.079
23
.079
.13
580
12
CTS3F-823_
82000
.079
21
.079
.12
618
11
CTS3F-104_
100000
.079
18
.079
.11
678
11
CTS3F Series
From .10 µH to 100,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack, 500 parts per bag,
Tape & Reel, 2,500 parts per reel
Marking: Parts are EIA color banded, which indicates inductance
code and tolerance
Material: Molded epoxy resin over the magnetic core for superior
shielding and reliability
Miscellaneous: RoHS Compliant. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #20F
RoHS
Compliant


Similar Part No. - CTS3F-223K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS314 CTMICRO-CTS314 Datasheet
1Mb / 14P
   1.0A MOSFET/IGBT Gate Driver Optocoupler
Rev.3 Nov, 2022
logo
Vishay Siliconix
CTS32 VISHAY-CTS32 Datasheet
120Kb / 10P
   Hermetically Sealed, Axial-Lead, To CECC Specifications
Revision 28-Mar-02
logo
List of Unclassifed Man...
CTS3522 ETC2-CTS3522 Datasheet
136Kb / 1P
   TNC STRAIGHT PLUG FOR ECS CABLE 352001
logo
Altech corporation
CTS35U ALTECH-CTS35U Datasheet
508Kb / 4P
   FEED-THROUGH 35 or 32mm DIN Rail
More results

Similar Description - CTS3F-223K

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
   Axial Shielded Inductors
logo
Central Technologies
CTS5F CT-CTS5F Datasheet
161Kb / 1P
   Shielded Inductors - Axial
logo
Allied Components Inter...
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
   Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
   Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
   Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
   Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
   Axial Shielded Inductors
AS20 ALLIED-AS20 Datasheet
810Kb / 1P
   Axial Shielded Inductors
logo
Central Technologies
CTS1F CT-CTS1F Datasheet
160Kb / 1P
   Shielded Inductors - Axial
CTS2F CT-CTS2F Datasheet
161Kb / 1P
   Shielded Inductors - Axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com