Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTKFR1206JTE1000 Datasheet(PDF) 2 Page - Central Technologies

Part # CTTKFR1206JTE1000
Description  Thick Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTKFR1206JTE1000 Datasheet(HTML) 2 Page - Central Technologies

  CTTKFR1206JTE1000 Datasheet HTML 1Page - Central Technologies CTTKFR1206JTE1000 Datasheet HTML 2Page - Central Technologies CTTKFR1206JTE1000 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thick Film Chip Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
PHYSICAL DIMENSIONS
W
D1
T
D1
L
D2
D2
Type
L
W
T
D1
D2
CTTKFR0201
0.6±0.03
0.30±0.03
0.23±0.03
0.15±0.05
0.15±0.05
CTTKFR0402
1.0±0.05
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
CTTKFR0603
1.6±0.15
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
CTTKFR0805
2.0±0.15
1.25±0.10
0.50±0.10
0.35±0.20
0.40±0.20
CTTKFR1206
3.1±0.10
1.55±0.10
0.55±0.10
0.45±0.20
0.40±0.20
CTTKFR1210
3.1±0.10
2.55±0.10
0.55±0.10
0.50±0.20
0.50±0.20
CTTKFR2010
5.0±0.20
2.50±0.20
0.55±0.10
0.60±0.20
0.50±0.20
CTTKFR2512
6.3±0.20
3.20±0.20
0.55±0.10
0.60±0.20
0.50±0.20
CTTKFR Series
03.16.07
STANDARD ELECTRICAL SPECIFICATIONS
Power
Operating
Max.
Max.
Resistance
Rating
Temp.
Operating
Overloading
Tolerance
Resistance
TCR
Type
at 70°C
Range
Voltage
Voltage
(±)
Range
(±PPM/°C)
CTTKFR0201
1/20W
-55°C to +125°C
15V
30V
1%
10
Ω~1MΩ
200
5%
10
Ω~1MΩ
200
CTTKFR402
1/16W
-55°C to +125°C
50V
100V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
200
5%
1.1M
Ω~10MΩ
200
CTTKFR0805
1/8W
-55°C to +155°C
150V
300V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200
CTTKFR0603
1/10W
-55°C to +155°C
50V
100V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200
CTTKFR1206
1/4W
-55°C to +155°C
200V
400V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200
CTTKFR1210
1/3W
-55°C to +155°C
200V
400V
1%
1
Ω~9.76Ω
200
1%
10
Ω~1MΩ
100
5%
1
Ω~9.76Ω
200
5%
10
Ω~1MΩ
100
5%
1.1M
Ω~10MΩ
200


Similar Part No. - CTTKFR1206JTE1000

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
CT Micro International ...
CTT0213 CTMICRO-CTT0213 Datasheet
1Mb / 12P
   600V Zero Cross High Power Photo TRIAC
CTT0223 CTMICRO-CTT0223 Datasheet
1Mb / 12P
   600V Random Phase High Power Photo TRIAC
logo
List of Unclassifed Man...
CTT116 ETC1-CTT116 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
CTT116GK08 ETC1-CTT116GK08 Datasheet
321Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - CTTKFR1206JTE1000

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com