Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS82DGG Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS82DGG
Description  FLATLINKE RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS82DGG Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVDS82DGG Datasheet HTML 5Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 6Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 7Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 8Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 9Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 10Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 11Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 12Page - Texas Instruments SN75LVDS82DGG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN75LVDS82
FLATLINK
™ RECEIVER
SLLS259D – NOVEMBER 1996 – REVISED MAY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Device
Under
Test (DUT)
CLKIN
Tektronix
HFS9003/HFS9DG1
Stimulus System
(repeating patterns of
F0FFFFF and 0F00000
Tektronix
Microwave Logic
Multi-BERT-100RX
Word Error Detector
An
D0 – D27
CLKOUT
NOTE A: CLKIN is advanced or delayed with respect to data until errors are observed at the receiver outputs. The magnitude of the advance or
delay is t(RSKM).
An
CLKIN
tc
CLKOUT
td
0 V
≈300 mV
≈–300 mV
90%
10%
tr < 1 ns
VOL
VOH
1.4 V
td
3
7
tc ) t(RSKM)
th1
tsu1
4
7
tc ) t(RSKM)
and An
7
× CLK
(Internal)
CLKIN
or An
CLKOUT
tw
Figure 7. Receiver Input Skew Margin and Delay Timing Waveforms


Similar Part No. - SN75LVDS82DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS82DGG TI1-SN75LVDS82DGG Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN75LVDS82DGGG4 TI1-SN75LVDS82DGGG4 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN75LVDS82DGGR TI-SN75LVDS82DGGR Datasheet
699Kb / 18P
[Old version datasheet]   FlatLink??RECEIVER
SN75LVDS82DGGR TI1-SN75LVDS82DGGR Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN75LVDS82DGGRG4 TI1-SN75LVDS82DGGRG4 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
More results

Similar Description - SN75LVDS82DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI-SN75LVDS86 Datasheet
190Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS86A TI-SN75LVDS86A Datasheet
184Kb / 14P
[Old version datasheet]   FLATLINKE RECEIVER
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A Datasheet
191Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTER
SN75LVDS83 TI-SN75LVDS83 Datasheet
205Kb / 15P
[Old version datasheet]   FLATLINKE TRANSMITTER
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
   Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
   Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
   RECEIVER
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com