Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS9638D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS9638D
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS9638D Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS9638D Datasheet HTML 1Page - Texas Instruments SN75LVDS9638D Datasheet HTML 2Page - Texas Instruments SN75LVDS9638D Datasheet HTML 3Page - Texas Instruments SN75LVDS9638D Datasheet HTML 4Page - Texas Instruments SN75LVDS9638D Datasheet HTML 5Page - Texas Instruments SN75LVDS9638D Datasheet HTML 6Page - Texas Instruments SN75LVDS9638D Datasheet HTML 7Page - Texas Instruments SN75LVDS9638D Datasheet HTML 8Page - Texas Instruments SN75LVDS9638D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75LVDS31, SN75LVDS9638
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS359A – JUNE 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI TIA/EIA-644 Standard
D Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV and a
100-
Ω Load
D Signaling Rates up to 155 Mbps
D Operates From a Single 3.3-V Supply
D Driver at High Impedance When Disabled or
With VCC = 0
D Low-Voltage TTL (LVTTL) Logic Input
Levels
D Characterized For Operation From
0
°C to 70°C
description
The SN75LVDS31 and SN75LVDS9638 are
differential line drivers that implement the
electrical characteristics of low-voltage differential
signaling (LVDS). This signaling technique lowers
the output voltage levels of 5 V differential
standard levels (such as TIA/EIA-422B) to reduce the power, increase the switching speeds, and allow
operation with a 3.3-V supply rail. Any of the four current-mode drivers will deliver a minimum differential output
voltage magnitude of 247 mV into a 100-
Ω load when enabled.
The intended application of these devices and signaling technique is for point-to-point baseband data
transmission over controlled impedance media of approximately 100
Ω. The transmission media may be
printed-circuit board traces, backplanes, or cables. The ultimate rate and distance of data transfer is dependent
upon the attenuation characteristics of the media and the noise coupling to the environment.
The SN75LVDS31 and SN75LVDS9638 are characterized for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
SN75LVDS31D (Marked as 75LVDS31)
(TOP VIEW)
1
2
3
4
8
7
6
5
VCC
1A
2A
GND
1Y
1Z
2Y
2Z
SN75LVDS9638D (Marked as DF638 or 7L9638)
(TOP VIEW)


Similar Part No. - SN75LVDS9638D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS9638D TI-SN75LVDS9638D Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS9638DG4 TI-SN75LVDS9638DG4 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS9638DGK TI-SN75LVDS9638DGK Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS9638DGKG4 TI-SN75LVDS9638DGKG4 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS9638DGKR TI-SN75LVDS9638DGKR Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS9638D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com