Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS9637 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS9637
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS9637 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LVDS9637 Datasheet HTML 1Page - Texas Instruments SN75LVDS9637 Datasheet HTML 2Page - Texas Instruments SN75LVDS9637 Datasheet HTML 3Page - Texas Instruments SN75LVDS9637 Datasheet HTML 4Page - Texas Instruments SN75LVDS9637 Datasheet HTML 5Page - Texas Instruments SN75LVDS9637 Datasheet HTML 6Page - Texas Instruments SN75LVDS9637 Datasheet HTML 7Page - Texas Instruments SN75LVDS9637 Datasheet HTML 8Page - Texas Instruments SN75LVDS9637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN75LVDS32, SN75LVDS9637
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SLLS360A – JUNE 1999 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram
G
G
1A
1B
2A
2B
3A
3B
4A
4B
4
12
2
1
6
7
10
9
14
15
3
5
11
13
1Y
2Y
3Y
4Y
’LVDS32 logic diagram
(positive logic)
1A
1B
2A
2B
8
7
6
5
2
3
1Y
2Y
’LVDS9637D logic diagram
(positive logic)
Function Tables
SN75LVDS32
DIFFERENTIAL INPUT
ENABLES
OUTPUT
A, B
G
G
Y
VID ≥ 100 mV
H
X
X
L
H
H
–100 mV < VID < 100 mV
H
X
X
L
?
?
VID ≤ –100 mV
H
X
X
L
L
L
X
L
H
Z
Open
H
X
X
L
H
H
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), ? = indeterminate


Similar Part No. - SN75LVDS9637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS9637D TI-SN75LVDS9637D Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS9637DG4 TI-SN75LVDS9637DG4 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS9637DR TI-SN75LVDS9637DR Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS9637DRG4 TI-SN75LVDS9637DRG4 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS9637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com