Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDM977 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75LVDM977
Description  9-CHANNEL DUAL-MODE TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDM977 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75LVDM977 Datasheet HTML 5Page - Texas Instruments SN75LVDM977 Datasheet HTML 6Page - Texas Instruments SN75LVDM977 Datasheet HTML 7Page - Texas Instruments SN75LVDM977 Datasheet HTML 8Page - Texas Instruments SN75LVDM977 Datasheet HTML 9Page - Texas Instruments SN75LVDM977 Datasheet HTML 10Page - Texas Instruments SN75LVDM977 Datasheet HTML 11Page - Texas Instruments SN75LVDM977 Datasheet HTML 12Page - Texas Instruments SN75LVDM977 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN75LVDM976, SN75LVDM977
9-CHANNEL DUAL-MODE TRANSCEIVERS
SLLS292B – APRIL 1998 – REVISED JANUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1A
2A
3A
4A
5A
5DE/RE
6A
6DE/RE
7A
7DE/RE
8A
8DE/RE
9A
9DE/RE
1B–
1B+
2B–
2B+
3B–
3B+
4B–
4B+
5B–
5B+
6B–
6B+
7B–
7B+
8B–
8B+
9B–
9B+
Control Inputs
CDE0
VI < 0.5 V
INV/NON
L
CDE1
H
CDE2
L
(a)
Control Inputs
CDE0
VI < 0.5 V
INV/NON
L
CDE1
H
CDE2
H
(b)
1A
2A
3A
4A
5A
6A
7A
8A
9A
9DE/RE
1B–
1B+
2B–
2B+
3B–
3B+
4B–
4B+
5B–
5B+
6B–
6B+
7B–
7B+
8B–
8B+
9B–
9B+
Control Inputs
CDE0
VI < 0.5 V
INV/NON
H
CDE1
L
CDE2
L
(c)
1A
1DE/RE
2A
2DE/RE
3A
3DE/RE
4A
4DE/RE
5A
5DE/RE
6A
6DE/RE
7A
7DE/RE
8A
8DE/RE
9A
9DE/RE
1B–
1B+
2B–
2B+
3B–
3B+
4B–
4B+
5B–
5B+
6B–
6B+
7B–
7B+
8B–
8B+
9B–
9B+
Figure 12. Logic Diagrams


Similar Part No. - SN75LVDM977

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDM977 TI1-SN75LVDM977 Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN75LVDM977DGG TI1-SN75LVDM977DGG Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN75LVDM977DGGG4 TI1-SN75LVDM977DGGG4 Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN75LVDM977DGGR TI1-SN75LVDM977DGGR Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN75LVDM977DGGRG4 TI1-SN75LVDM977DGGRG4 Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
More results

Similar Description - SN75LVDM977

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDM976 TI1-SN75LVDM976_08 Datasheet
494Kb / 30P
[Old version datasheet]   9-CHANNEL DUAL-MODE TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
logo
OPLINK Communications I...
DTR-SM-LC-CWDM OPLINK-DTR-SM-LC-CWDM Datasheet
100Kb / 6P
   Single Mode Transceivers
DTR-SM2-LS-CWDM OPLINK-DTR-SM2-LS-CWDM Datasheet
187Kb / 6P
   Single Mode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com