Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTMFCR0207ETNUR100 Datasheet(PDF) 2 Page - Central Technologies

Part # CTMFCR0207ETNUR100
Description  Metal Film, Cylindrical Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMFCR0207ETNUR100 Datasheet(HTML) 2 Page - Central Technologies

  CTMFCR0207ETNUR100 Datasheet HTML 1Page - Central Technologies CTMFCR0207ETNUR100 Datasheet HTML 2Page - Central Technologies CTMFCR0207ETNUR100 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Metal Film, Cylindrical Resistors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
PHYSICAL DIMENSIONS
L
øD
L1
K
Color code marking
Codes
L
øD
K
L1
Min
0204
3.45±0.3
1.35±0.2
0.6±0.1
2.00
0207
5.90±0.3
2.20±0.2
1.0±0.1
3.40
CTMFCR Series
05.05.08
STANDARD ELECTRICAL SPECIFICATIONS
Power
Operating
Max.
Resistance
Rating
Temp.
Operating
Tolerance
Resistance
TCR
Type
at 70°C
Range
Voltage
(±)
Range
(±PPM/°C)
CTMFCR0204
0.25W
-55°C to +155°C
200V
1%, 5%
0.1
Ω~10MΩ
50, 200
0.5%, 1%, 5%
1.0
Ω~1MΩ
50
0.1%, 0.25%, 0.5%, 1%
50
Ω~200KΩ
10, 15, 25, 50
CTMFCR0207
0.50W
-55°C to +155°C
300V
1%, 5%
0.1
Ω~10MΩ
50, 100
0.5%, 1%, 5%
1.0
Ω~1MΩ
50
0.1%, 0.25%, 0.5%, 1%
50
Ω~200KΩ
10, 15, 25, 50
0.1%, 0.25%, 0.5%, 1%
50
Ω~300KΩ
15, 25, 50


Similar Part No. - CTMFCR0207ETNUR100

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
   CT PROTECTOR
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
   DIRECTIONAL COUPLERS
CTM-10M-1.25G MERRIMAC-CTM-10M-1.25G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-12G MERRIMAC-CTM-10M-12G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
CTM-10M-2.5G MERRIMAC-CTM-10M-2.5G Datasheet
144Kb / 2P
   DIRECTIONAL COUPLERS
More results

Similar Description - CTMFCR0207ETNUR100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
   Carbon Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com