Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LPE185DW Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LPE185DW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LPE185DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LPE185DW Datasheet HTML 5Page - Texas Instruments SN75LPE185DW Datasheet HTML 6Page - Texas Instruments SN75LPE185DW Datasheet HTML 7Page - Texas Instruments SN75LPE185DW Datasheet HTML 8Page - Texas Instruments SN75LPE185DW Datasheet HTML 9Page - Texas Instruments SN75LPE185DW Datasheet HTML 10Page - Texas Instruments SN75LPE185DW Datasheet HTML 11Page - Texas Instruments SN75LPE185DW Datasheet HTML 12Page - Texas Instruments SN75LPE185DW Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SN75LPE185
LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS
WITH ENABLE
SLLS256D – DECEMBER 1996 – REVISED OCTOBER 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
4 V
Open
GND
5k
VI
VO
Waveform 1
(see Note B)
VO
Waveform 2
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
50%
50%
0 V
50%
VOL + 0.3 V
50%
VOH – 0.3 V
0 V
3 V
4 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPHL/tPLH
tPLZ/tPZL
tPHZ/tPZH
Open
4 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 7. Receiver 3-State Parameter Test Circuit and Voltage Waveforms


Similar Part No. - SN75LPE185DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185DW TI-SN75LPE185DW Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185DWE4 TI-SN75LPE185DWE4 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185DWR TI-SN75LPE185DWR Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185DWRE4 TI-SN75LPE185DWRE4 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
More results

Similar Description - SN75LPE185DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185 TI-SN75LPE185_06 Datasheet
327Kb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com