Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-5244G Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part No. CSQ-5244G
Description  0.52 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-5244G Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSQ-5244G Datasheet HTML 1Page - China Semiconductor Corporation CSQ-5244G Datasheet HTML 2Page - China Semiconductor Corporation CSQ-5244G Datasheet HTML 3Page - China Semiconductor Corporation CSQ-5244G Datasheet HTML 4Page - China Semiconductor Corporation CSQ-5244G Datasheet HTML 5Page - China Semiconductor Corporation CSQ-5244G Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.52 inch (13.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
http://www.csctw.com.tw
Common Anode
CSQ-5244G
GaP
Common Cathode
Description
Yellow Green
CSQ-5245G
2. Case mold type.
Model No CSQ-5244/5245G
GaP
Yellow Green
Material
PS-ND-08090220
A
Emitted Color
Chip
Part No.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSQ-5244A9 0.52 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-5244B7 0.52 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-5244E 0.52 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542S 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-3944T9 0.39 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542T9 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-3944V9 0.39 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542V9 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-2842A9 0.28 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-2842B7 0.28 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn