Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-5244B7 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part No. CSQ-5244B7
Description  0.52 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINASEMI [China Semiconductor Corporation]
Homepage  
Logo 

CSQ-5244B7 Datasheet(HTML) 2 Page - China Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.52 inch (13.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. ESD > 1KV(HBM)
6. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
CSQ-5245B7
InGaN
Super Bright Blue Common Cathode
http://www.csctw.com.tw
PS-ND-08090218
A
Emitted Color
Chip
CSQ-5244B7
2. Case mold type.
Model No CSQ-5244/5245B7
InGaN
Super Bright Blue
Material
Part No.
Common Anode
Description


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSQ-5244A90.52 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542V90.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842A90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842B70.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-28420.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842G0.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842M90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842S0.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842V90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842T90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn