Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-3944G Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part No. CSQ-3944G
Description  0.39 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINASEMI [China Semiconductor Corporation]
Homepage  
Logo 

CSQ-3944G Datasheet(HTML) 4 Page - China Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
2000
5000
-
ucd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
http://www.csctw.com.tw
Model No CSQ-3944/3943G
PS-ND-08090212
A
Reverse Current
Dominant Wavelength


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSQ-3944A90.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-3944B70.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-3944E0.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842M90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842S0.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842V90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842T90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542A90.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542B70.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542E0.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn