Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-3944G Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part No. CSQ-3944G
Description  0.39 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINASEMI [China Semiconductor Corporation]
Homepage  
Logo 

CSQ-3944G Datasheet(HTML) 3 Page - China Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Continuous Forward Current Per Dice
Reverse Voltage Per Dice
70
Model No CSQ-3944/3943G
Power Dissipation Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Parameter
Rating
PS-ND-08090212
A
5
90
25
-35 ~ +85
http://www.csctw.com.tw
Derating Linear From 25
Per Dice
0.33
Operating Temp.
Storage Temp.
-35 ~ +85


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSQ-3944A90.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-3944B70.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-3944E0.39 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842M90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842S0.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842V90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842T90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542A90.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542B70.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542E0.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn