Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-542V9 Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part No. CSQ-542V9
Description  0.56 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-542V9 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSQ-542V9 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-542V9 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-542V9 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-542V9 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-542V9 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-542V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
Continuous Forward Current Per Dice
Derating Linear From 25
Per Dice
0.33
Operating Temp.
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Reverse Voltage Per Dice
-35 ~ +85
http://www.csctw.com.tw
Power Dissipation Per Dice
25
Parameter
Rating
PS-ND-08090232
A
5
90
Peak Current Per Dice(duty cycle 1/10, 1kHz)
70
Model No CSQ-542/541V9


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSQ-542A9 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542B7 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542E 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542G 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542M9 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542S 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSQ-542T9 0.56 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-S56222V9 0.56 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-322B7 0.3 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSQ-2842T9 0.28 Inch Quad Digit Display 1  2  3  4  5  More China Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn