Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-542G Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part No. CSQ-542G
Description  0.56 Inch Quad Digit Display
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINASEMI [China Semiconductor Corporation]
Homepage  
Logo 

CSQ-542G Datasheet(HTML) 4 Page - China Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
4.5
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
IF=10mA
Page
3/5
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth
http://www.csctw.com.tw
Model No CSQ-542/541G
PS-ND-08090228
A
Reverse Current
Dominant Wavelength


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSQ-542A90.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542B70.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542E0.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222V90.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842T90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222A90.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222B70.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222G0.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
HDSP-521A14.22 mm 0.56 inch Dual Digit General Purpose Seven Segment Display 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
CSD-S56222S0.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn