Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-542E Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part No. CSQ-542E
Description  0.56 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHINASEMI [China Semiconductor Corporation]
Homepage  
Logo 

CSQ-542E Datasheet(HTML) 2 Page - China Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.56 inch (14.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
Part No.
Common Anode
Description
CSQ-542E
2. Case mold type.
Model No CSQ-542/541E
GaAsP
Orange
Material
http://www.csctw.com.tw
PS-ND-08090227
A
Emitted Color
Chip
CSQ-541E
GaAsP
Orange
Common Cathode


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CSQ-542A90.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-542B70.56 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222V90.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSQ-2842T90.28 Inch Quad Digit Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222A90.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222B70.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-S56222G0.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation
CSD-322B70.3 Inch Dual Digits Display 1 2 3 4 5 China Semiconductor Corporation
HDSP-521A14.22 mm 0.56 inch Dual Digit General Purpose Seven Segment Display 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
CSD-S56222S0.56 Inch Dual Digit SMD Display 1 2 3 4 5 MoreChina Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn