Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSQ-2842T9 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part No. CSQ-2842T9
Description  0.28 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-2842T9 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSQ-2842T9 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-2842T9 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-2842T9 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-2842T9 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-2842T9 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-2842T9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.28 inch (7.0mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/5
CSQ-2841T9
AlGaInP
Super Bright Yellow Common Cathode
http://www.csctw.com.tw
PS-ND-08090207
A
Emitted Color
Chip
CSQ-2842T9
2. Case mold type.
Model No CSQ-2842/2841T9
AlGaInP
Super Bright Yellow
Material
Part No.
Common Anode
Description


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSD-322B7 0.3 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-S20240G 0.2 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-S40224M 0.4 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-S56222V9 0.56 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation
DMR07A2-1 7mm 0.28 DUAL DIGIT NUMERIC DISPLAY 1  2  3  4  SunLED Corporation
KW4-283 LED Numeric Display Four Digit 0.28 1  Lucky Light Electronic
SC10-11EWA 26mm 1.02 INCH SINGLE DIGIT NUMERIC DISPLAY 1  2  3  4  5  Kingbright Corporation
SA23-12SRWA 56.9mm 2.3 INCH SINGLE DIGIT NUMERIC DISPLAY 1  2  3  4  Kingbright Corporation
CSD-S20240G 0.2 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-S40224S 0.4 Inch Dual Digit SMD Display 1  2  3  4  5  More China Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn