Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPR-U32DYL4-A0R Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CSPR-U32DYL4-A0R
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSPR-U32DYL4-A0R Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSPR-U32DYL4-A0R Datasheet HTML 1Page - China Semiconductor Corporation CSPR-U32DYL4-A0R Datasheet HTML 2Page - China Semiconductor Corporation CSPR-U32DYL4-A0R Datasheet HTML 3Page - China Semiconductor Corporation CSPR-U32DYL4-A0R Datasheet HTML 4Page - China Semiconductor Corporation CSPR-U32DYL4-A0R Datasheet HTML 5Page - China Semiconductor Corporation CSPR-U32DYL4-A0R Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Absolute Maximum Rating -
(Ta=25
℃)
Symbol
Unit
Pd
mW
IF
mA
IFP
mA
VR
V
Topr
Tstg
Tsol
* Pulse width
≦0.1 msec. duty ≦1/10
■ Electro-optical Characteristics -
(Ta=25
℃)
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-----
2.3
2.8
V
IV
1400
2500
-----
mcd
Φ
v
600
1800
-----
mlm
λ
λ
λ
λd
-----
590
------
nm
Peak Wavelength
λ
p
-----
597
-----
nm
2
θ
θ
θ
θ 1/2
-----
90
-----
deg
IR
-----
-----
100
μA
VR=5V
Page
2/5
Reverse Voltage
-30 ~ +80
-40 ~ +100
Parameter
Lead Soldering Temperature
Operating Temp.
Forward Voltage
Power Dissipation
Forward Current (DC)
Peak Forward Current *
100
Max. 260
℃ for 5 sec Max.
(3mm from the epoxy bulb)
Luminous Flux
PS-LU-U32DYL4-A0R
A
Storage Temp.
Dominant Wavelength
Reverse Current
Viewing Angle
IF=70mA
Model No
:CSPR-U32DYL4-A0R
http://www.csctw.com.tw
70
Parameter
Rating
196
5
Luminous Intensity


Similar Part No. - CSPR-U32DYL4-A0R

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSPR-U32DHR4-A0R CHINASEMI-CSPR-U32DHR4-A0R Datasheet
291Kb / 6P
   LED
More results

Similar Description - CSPR-U32DYL4-A0R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com