Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLL1608-FH56NK Datasheet(PDF) 1 Page - Central Technologies

Part # CTLL1608-FH56NK
Description  Multi-layer Chip Inductors - Ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL1608-FH56NK Datasheet(HTML) 1 Page - Central Technologies

  CTLL1608-FH56NK Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ceramic
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.14.07
Size
A
B
C
D
mm
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
inches
0.06±0.006
0.03±0.006
0.03±0.006
0.01±0.008
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLL1608-FH3N3_
S = ±0.3nH, J = ±5%, K = ±10%
* S, K only
** J, K only
CTLL1608F Please specify “F” for RoHS compliant
Q Min. at
Q Typ. at
SRF
DCR
IDC
Part
L
(MHz)
(MHz)
Typ.
Max
Max.
Number
(nH)
50
100
50 100 300 500 800
(MHz)
(
Ω
Ω)
(mA
))
CTLL1608_-FH1N0S
1.0
8
12
60
10000
0.10
500
CTLL1608_-FH1N2S
1.2
8
13
60
10000
0.10
500
CTLL1608_-FH1N5S
1.5
8
13
57
8000
0.10
500
CTLL1608_-FH1N8S
1.8
8
13
51
8000
0.10
500
CTLL1608_-FH2N2S
2.2
8
13
46
7200
0.10
500
CTLL1608_-FH2N7S
2.7
10
13
46
6200
0.10
500
CTLL1608_-FH3N3_*
3.3
10
13
47
5200
0.12
500
CTLL1608_-FH3N9_*
3.9
10
13
47
5000
0.14
500
CTLL1608_-FH4N7_*
4.7
10
13
41
4750
0.16
500
CTLL1608_-FH5N6_*
5.6
10
13
41
4100
0.18
500
CTLL1608_-FH6N8_**
6.8
10
13
44
3750
0.22
500
CTLL1608_-FH8N2_**
8.2
10
13
44
3300
0.24
500
CTLL1608_-FH10N_**
10
12
13
45
3000
0.26
300
CTLL1608_-FH12N_**
12
12
15
46
2600
0.28
300
CTLL1608_-FH15N_**
15
12
15
48
2500
0.32
300
CTLL1608_-FH18N_**
18
12
15
48
2400
0.35
300
CTLL1608_-FH22N_**
22
12
17
45
2000
0.40
300
CTLL1608_-FH27N_**
27
12
17
43
1900
0.45
300
CTLL1608_-FH33N_**
33
12
18
39
1600
0.55
300
CTLL1608_-FH39N_**
39
12
18
37
1400
0.60
300
CTLL1608_-FH47N_**
47
12
18
35
1300
0.70
300
CTLL1608_-FH56N_**
56
12
18
32
1100
0.75
300
CTLL1608_-FH62N_**
62
12
18
34
1050
0.85
300
CTLL1608_-FH68N_**
68
12
18
34
1050
0.85
300
CTLL1608_-FH82N_**
82
12
18
32
900
1.0
300
CTLL1608_-FHR10_**
100
12
18
20
770
1.2
300
CTLL1608_-FHR12_**
120
8
14
20
850
2.3
250
CTLL1608_-FHR15_**
150
8
15
16
550
2.4
250
CTLL1608_-FHR18_**
180
8
15
16
520
2.7
250
CTLL1608_-FHR22_**
220
8
15
16
500
3.0
250
CTLL1608FH Series
From 1.0 nH to 220 nH
Not shown at actual size.
CHARACTERISTICS
Description: Ceramic core, multi-layer chip inductor for high
frequency applications
Applications: Portable telephones, PMS, pagers and
miscellaneous high frequency circuits
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±0.3nH, ±5%, ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
2.4~3.4
0.6
0.8
Unit: mm
ENGINEERING KIT #6F


Similar Part No. - CTLL1608-FH56NK

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL1608F-10NJ CT-CTLL1608F-10NJ Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL1608F-10NK CT-CTLL1608F-10NK Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL1608F-10NS CT-CTLL1608F-10NS Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results

Similar Description - CTLL1608-FH56NK

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
   Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
   MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
   Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
   Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com