Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75LBC179 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75LBC179
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC179 Datasheet HTML 1Page - Texas Instruments SN75LBC179 Datasheet HTML 2Page - Texas Instruments SN75LBC179 Datasheet HTML 3Page - Texas Instruments SN75LBC179 Datasheet HTML 4Page - Texas Instruments SN75LBC179 Datasheet HTML 5Page - Texas Instruments SN75LBC179 Datasheet HTML 6Page - Texas Instruments SN75LBC179 Datasheet HTML 7Page - Texas Instruments SN75LBC179 Datasheet HTML 8Page - Texas Instruments SN75LBC179 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173C – JANUARY 1994 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN65LBC179, SN65LBC179Q, and SN75LBC179 are available in the 8-pin dual-in-line and small-outline
packages. The SN75LBC179 is characterized for operation over the commercial temperature range of 0
°C to
70
°C. The SN65LBC179 is characterized over the industrial temperature range of –40°C to 85°C. The
SN65LBC179Q is characterized over the extended industrial or automotive temperature range of – 40
°C to
125
°C.
schematics of inputs and outputs
RECEIVER A INPUT
EQUIVALENT OF DRIVER INPUT
RECEIVER B INPUT
DRIVER OUTPUT
TYPICAL OF RECEIVER OUTPUT
Output
VCC
VCC
100 k
NOM
3 k
NOM
Input
18 k
NOM
1.1 k
NOM
1.1 k
NOM
3 k
NOM
18 k
NOM
100 k
NOM
Input
VCC
Input
VCC
22 k
VCC
R Output
12 k
12 k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LBC180 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN65LBC179A LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN75LBC180A LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
DS8922 TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs 1  2  3  4  5  More National Semiconductor (TI)
DS8921 Differential Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
DS89C21 Differential CMOS Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
SN65ALS180 DIFFERENTIAL DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
THS6007 DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS 1  2  3  4  5  More Texas Instruments
EL1501C Differential Line Driver/Receiver 1  2  Elantec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn