Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75LBC179 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75LBC179
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179 Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC179 Datasheet HTML 1Page - Texas Instruments SN75LBC179 Datasheet HTML 2Page - Texas Instruments SN75LBC179 Datasheet HTML 3Page - Texas Instruments SN75LBC179 Datasheet HTML 4Page - Texas Instruments SN75LBC179 Datasheet HTML 5Page - Texas Instruments SN75LBC179 Datasheet HTML 6Page - Texas Instruments SN75LBC179 Datasheet HTML 7Page - Texas Instruments SN75LBC179 Datasheet HTML 8Page - Texas Instruments SN75LBC179 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173C – JANUARY 1994 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for High-Speed Multipoint Data
Transmission Over Long Cables
D Operate With Pulse Widths as Low
as 30 ns
D Low Supply Current ...5 mA Max
D Meets or Exceeds the Standard
Requirements of ANSI RS-485 and
ISO 8482:1987(E)
D Common-Mode Voltage Range of –7 V
to 12 V
D Positive- and Negative-Output Current
Limiting
D Driver Thermal Shutdown Protection
D Pin Compatible With the SN75179B
description
The
SN65LBC179,
SN65LBC179Q,
and
SN75LBC179 differential driver and receiver pairs
are monolithic integrated circuits designed for
bidirectional data communication over long
cables that take on the characteristics of
transmission lines. They are balanced, or
differential, voltage mode devices that meet or
exceed the requirements of industry standards
ANSI RS-485 and ISO 8482:1987(E). Both
devices are designed using TI’s proprietary
LinBiCMOS
™ with the low power consumption of
CMOS and the precision and robustness of
bipolar transistors in the same circuit.
The
SN65LBC179,
SN65LBC179Q,
and
SN75LBC179 combine a differential line driver
and differential line receiver and operate from a
single 5-V supply. The driver differential outputs
and the receiver differential inputs are connected
to separate terminals for full-duplex operation and
are designed to present minimum loading to the
bus when powered off (VCC = 0). These parts
feature a wide common-mode voltage range
making
them
suitable
for
point-to-point
or
multipoint data bus applications. The devices also
provide positive- and negative-current limiting
and thermal shutdown for protection from line fault
conditions. The line driver shuts down at a junction
temperature of approximately 172
°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
logic symbol
logic diagram (positive logic)
Y
Z
B
A
R
D
5
6
7
8
2
3
R
D
B
A
Z
Y
7
8
6
5
2
3
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
INPUT
D
OUTPUTS
Y
Z
DRIVER
DIFFERENTIAL INPUTS
A–B
VID ≥ 0.2 V
– 0.2 V < VID < 0.2 V
VID ≤ – 0.2 V
Open circuit
OUTPUT
R
H
?
L
H
RECEIVER
H = high level,
L = low level,
? = indeterminate
Function Tables
1
2
3
4
8
7
6
5
VCC
R
D
GND
A
B
Z
Y
D OR P PACKAGE
(TOP VIEW)
H
L
H
L
L
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LBC180 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN65LBC179A LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN75LBC180A LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
DS8922 TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs 1  2  3  4  5  More National Semiconductor (TI)
DS8921 Differential Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
DS89C21 Differential CMOS Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
SN65ALS180 DIFFERENTIAL DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
THS6007 DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS 1  2  3  4  5  More Texas Instruments
EL1501C Differential Line Driver/Receiver 1  2  Elantec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn