Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75LBC179 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75LBC179
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179 Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC179 Datasheet HTML 1Page - Texas Instruments SN75LBC179 Datasheet HTML 2Page - Texas Instruments SN75LBC179 Datasheet HTML 3Page - Texas Instruments SN75LBC179 Datasheet HTML 4Page - Texas Instruments SN75LBC179 Datasheet HTML 5Page - Texas Instruments SN75LBC179 Datasheet HTML 6Page - Texas Instruments SN75LBC179 Datasheet HTML 7Page - Texas Instruments SN75LBC179 Datasheet HTML 8Page - Texas Instruments SN75LBC179 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173C – JANUARY 1994 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT +
Positive-going input threshold voltage
IO = – 8 mA
0.2
V
VIT –
Negative-going input threshold voltage
IO = 8 mA
– 0.2
V
Vhys
Hysteresis voltage ( VIT + – VIT –)
45
mV
VOH
High-level output voltage
VID = 200 mV,
IOH = – 8 mA
3.5
4.5
V
VOL
Low-level output voltage
VID = – 200 mV,
IOL = 16 mA
0.3
0.5
V
VI = 12 V,
Other inputs at 0 V,
SN65LBC179,
SN75LBC179
0.7
1
mA
VCC = 5 V
SN65LBC179Q
0.7
1.2
mA
VI = 12 V,
Other inputs at 0 V,
SN65LBC179,
SN75LBC179
0.8
1
mA
II
Bus input current
VCC = 0 V
SN65LBC179Q
0.8
1.2
mA
II
Bus input current
VI = – 7 V,
Other inputs at 0 V,
SN65LBC179,
SN75LBC179
– 0.5
– 0.8
mA
VCC = 5 V
SN65LBC179Q
– 0.5
– 1.0
mA
VI = – 7 V,
Other inputs at 0 V,
SN65LBC179,
SN75LBC179
– 0.5
– 0.8
mA
VCC = 0 V
SN65LBC179Q
– 0.5
– 1.0
mA
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
VID = 1 5Vto1 5V
See Figure 4
15
30
ns
tPLH
Propagation delay time, low- to high-level output
VID = –1.5 V to 1.5 V,
See Figure 4
15
30
ns
tsk(p)
Pulse skew (
 tPHL – tPLH)
See Figure 4
3
6
ns
tt
Transition time
See Figure 4
3
5
ns
PARAMETER MEASUREMENT INFORMATION
VOD
RL
2
0 V or 3 V
Z
D
Y
RL
2
VOC
Figure 1. Differential and Common-Mode Output Voltage Test Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN65LBC180 LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN65LBC179A LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
SN75LBC180A LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
DS8922 TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs 1  2  3  4  5  More National Semiconductor (TI)
DS8921 Differential Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
DS89C21 Differential CMOS Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)
SN65ALS180 DIFFERENTIAL DRIVER AND RECEIVER PAIRS 1  2  3  4  5  More Texas Instruments
THS6007 DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS 1  2  3  4  5  More Texas Instruments
EL1501C Differential Line Driver/Receiver 1  2  Elantec Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn