Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1154N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1154N
Description  QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1154N Datasheet(HTML) 1 Page - Texas Instruments

  SN75C1154N Datasheet HTML 1Page - Texas Instruments SN75C1154N Datasheet HTML 2Page - Texas Instruments SN75C1154N Datasheet HTML 3Page - Texas Instruments SN75C1154N Datasheet HTML 4Page - Texas Instruments SN75C1154N Datasheet HTML 5Page - Texas Instruments SN75C1154N Datasheet HTML 6Page - Texas Instruments SN75C1154N Datasheet HTML 7Page - Texas Instruments SN75C1154N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75C1154
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SLLS151C – DECEMBER 1988 – REVISED MARCH 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-232-E and ITU
Recommendation V.28
D Very Low Power Consumption
5 mW Typ
D Wide Driver Supply Voltage . . . ±4.5 V
to
±15 V
D Driver Output Slew Rate Limited to
30 V/
µs Max
D Receiver Input Hysteresis... 1000 mV Typ
D Push-Pull Receiver Outputs
D On-Chip Receiver 1-µs Noise Filter
D Functionally interchangeable With Motorola
MC145404
description
The SN75C1154 is a low-power BiMOS device containing four independent drivers and receivers that are used
to interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE). This device has been
designed to conform to ANSI EIA/TIA-232-E. The drivers and receivers of the SN75C1154 are similar to those
of the SN75C188 quadruple driver and SN75C189A quadruple receiver, respectively. The drivers have a
controlled output slew rate that is limited to a maximum of 30 V/
µs and the receivers have filters that reject input
noise pulses of shorter than 1
µs. Both these features eliminate the need for external components.
The SN75C1154 is designed using low-power techniques in a BiMOS technology. In most applications, the
receivers contained in these devices interface to single inputs of peripheral devices such as ACEs, UARTs, or
microprocessors. By using sampling, such peripheral devices are usually insensitive to the transition times of
the input signals. If this is not the case or for other uses, it is recommended that the SN75C1154 receiver outputs
be buffered by single Schmitt input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C1154 is characterized for operation from 0
°C to 70°C.
logic symbol
4DY
3DY
2DY
1DY
4RA
3RA
2RA
1RA
4DA
3DA
2DA
1DA
4RY
3RY
2RY
1RY
9
7
5
3
8
6
4
2
12
14
16
18
13
15
17
19
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
typical of each driver
typical of each receiver
DY
RA
DA
RY
3, 5, 7, 9
2, 4, 6, 8
18, 16, 14, 12
19, 17, 15, 13
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VDD
1RA
1DY
2RA
2DY
3RA
3DY
4RA
4DY
VSS
VCC
1RY
1DA
2RY
2DA
3RY
3DA
4RY
4DA
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75C1154N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154N TI-SN75C1154N Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154N TI-SN75C1154N Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154N TI1-SN75C1154N Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NE4 TI-SN75C1154NE4 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154NE4 TI1-SN75C1154NE4 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1154N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154 Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com