Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-88121E Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-88121E
Description  1.2 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88121E Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-88121E Datasheet HTML 1Page - China Semiconductor Corporation CSM-88121E Datasheet HTML 2Page - China Semiconductor Corporation CSM-88121E Datasheet HTML 3Page - China Semiconductor Corporation CSM-88121E Datasheet HTML 4Page - China Semiconductor Corporation CSM-88121E Datasheet HTML 5Page - China Semiconductor Corporation CSM-88121E Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.2 Inch 8X8 Dot-Matrix Display
Dot Pitch 4.0mm
CSM-88111: Column Anode, Row Cathode
CSM-88121: Column Cathode, Row Anode
Emitting Color: Orange
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
http://www.csctw.com.tw
PREPARED BY
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PS-ND-08090304
A
Model No CSM-88111E/88121E


Similar Part No. - CSM-88121E

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88121A9 CHINASEMI-CSM-88121A9 Datasheet
212Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121G CHINASEMI-CSM-88121G Datasheet
215Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121M9 CHINASEMI-CSM-88121M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121S CHINASEMI-CSM-88121S Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88121T9 CHINASEMI-CSM-88121T9 Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-88121E

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111M9 CHINASEMI-CSM-88111M9 Datasheet
222Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111T9 CHINASEMI-CSM-88111T9 Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111A9 CHINASEMI-CSM-88111A9 Datasheet
212Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111G CHINASEMI-CSM-88111G Datasheet
215Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111S CHINASEMI-CSM-88111S Datasheet
213Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88111V9 CHINASEMI-CSM-88111V9 Datasheet
206Kb / 6P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160EG CHINASEMI-CSM-88160EG Datasheet
273Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88160SG CHINASEMI-CSM-88160SG Datasheet
277Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com