Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS193J Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75ALS193J
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS193J Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS193J Datasheet HTML 2Page - Texas Instruments SN75ALS193J Datasheet HTML 3Page - Texas Instruments SN75ALS193J Datasheet HTML 4Page - Texas Instruments SN75ALS193J Datasheet HTML 5Page - Texas Instruments SN75ALS193J Datasheet HTML 6Page - Texas Instruments SN75ALS193J Datasheet HTML 7Page - Texas Instruments SN75ALS193J Datasheet HTML 8Page - Texas Instruments SN75ALS193J Datasheet HTML 9Page - Texas Instruments SN75ALS193J Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN75ALS193
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS008D – JUNE 1986 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
VOLTAGE WAVEFORMS FOR tPHZ, tPZH
VOLTAGE WAVEFORMS FOR tPLZ, tPZL
CL
(see Note A)
RL = 2 kΩ
S2
VCC
≈ 1.4 V
tPHZ
tPZH
1.3 V
3 V
Enable
G
Output
S1
Test
Point
5 k
10%
90%
0 V
3 V
0 V
10%
10%
Enable
G 1.3 V
90%
See Note C
1.3 V
1.3 V
90%
90%
10%
S1 Open
S2 Closed
S1 Closed
S2 Closed
0.5 V
VOH
≤ 5 ns
≈ 1.4 V
tPLZ
tPZL
1.3 V
3 V
Enable
G
Output
10%
90%
0 V
3 V
0 V
10%
10%
Enable
G 1.3 V
90%
See Note C
1.3 V
1.3 V
90%
90%
10%
S2 Open
S1 Closed
S1 Closed
S2 Closed
0.5 V
VOL
1.3 V
1.3 V
See Note B
From Output
Under Test
≤ 5 ns
≤ 5 ns
≤ 5 ns
NOTES: A. CL includes probe and jig capacitance.
B. All diodes are 1N3064 or equivalent.
C. Enable G is tested with G high; G is tested with G low.
Figure 3. Load Circuit and Voltage Waveforms


Similar Part No. - SN75ALS193J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193J TI-SN75ALS193J Datasheet
563Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS193J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com