Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45578-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45578-0001
Description  2.50mm (.098?? Pitch SPOX??BMI Connector System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45578-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45578-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 45578-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
2.50mm (.098”) Pitch
SPOX™ BMI
Connector System
45578, 45579, 45608,
45609, 45626, 45627
Wire-to-Wire, Wire-to-Board
The unique low-profile design of the SPOX Blind-mate
Interface (BMI) allows for a mated stack distance of only
11.00mm (.430”). Utilizing proven SPOX-style contacts
for high reliability, the products are suitable for
situations requiring highly reliable Tin interfaces. The
unique dual-row panel-mounting design provides rugged
support for blind-mating applications and permits up to
3.00mm (.120”) of misalignment between connectors
prior to engagement. Multiple pin counts permit design
flexibility and provide for both power and signal
circuitry.
These dual-row 2.50mm (.098”) products are not
intermateable with the conventional single-row 2.50mm
(.098”) products.
Reference Information
Packaging: Bulk — 45578, 45579, 45626, 45609
Tray — 45608
Reel — 45627
UL File No.: Pending
CSA File No.: Pending
Mates With: 45578 mates to 45579
45627 mates to 45579
45626 uses 45627
45608 mates to 45609
Designed In: millimeters
Electrical
Voltage: 250V AC (RMS)
Current: 22 AWG – 3.0A
24 AWG – 2.5A
26 AWG – 2.0A
28 AWG – 1.5A
Contact Resistance: 20 milliohms max.
Dielectric Withstanding Voltage: 1,500V
Insulation Resistance: 1,000 Megohms min.
Mechanical
Contact Insertion Force: 14.7N (3.3 lbf)
Contact Retention to Housing: 14.7N (3.3 lbf)
Mating Force: Varies by circuit size
Unmating Force: Varies by circuit size
Durability: 25 cycles-Tin
Physical
Housing: Crimp housings — Polyester
Headers — LCP
Crimp Contact: Phosphor Bronze
Plating: Contact Area — Tin
Solder Tail Area — Tin
Underplating — Nickel
PCB Thickness: 1.57mm (.062”)
Operating Temperature: -40 to + 105°C
Features and Benefits
I Headers are molded in LCP high-temperature plastic
meeting Lead-free processing requirements
I Panel mounting feature permits up to 3.00mm
(.120”) misalignment in horizontal and vertical
directions and blind-mating of products as
connectors can self-align
I First-mate/last-break circuits provide sequential
engagement of contacts for design flexibility
I Robust alignment features virtually eliminate
contact damage
SPOX BMI connectors offer self-aligning features in one of
the smallest blind-mate packages available
6-pin wire-to-board, vertical connector
6-pin wire-to-wire, panel-mount connector


Similar Part No. - 45578-0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4557 ETC2-4557 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Molex Electronics Ltd.
45570 MOLEX-45570 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
45570-3000 MOLEX-45570-3000 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
45570-3002 MOLEX-45570-3002 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
45570-3004 MOLEX-45570-3004 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
More results

Similar Description - 45578-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0353010860 MOLEX4-0353010860 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX?
0353010250 MOLEX4-0353010250 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX?
0465280001 MOLEX6-0465280001 Datasheet
177Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Receptacle Housing, Single Row, Vertical,6 Circuits
0465111000 MOLEX6-0465111000 Datasheet
118Kb / 3P
   2.50mm (.098") Pitch SPOX??BMI Header Assembly, Single Row, Vertical, 6 Circuits
0456260008 MOLEX6-0456260008 Datasheet
193Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Plug Housing, Dual Row, Panel Mount, 8 Circuits
0353010760 MOLEX4-0353010760 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Header
0495490410 MOLEX6-0495490410 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 4 Circuits
0008700103 MOLEX1-0008700103 Datasheet
84Kb / 3P
   2.50mm (.098") Pitch SPOX??Crimp Terminal 5241, Bag
0495490510 MOLEX6-0495490510 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 5 Circuits
0495490310 MOLEX6-0495490310 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX??Housing, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com